Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP130
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP130 Datasheet HTML 1Page - Diodes Incorporated AP130 Datasheet HTML 2Page - Diodes Incorporated AP130 Datasheet HTML 3Page - Diodes Incorporated AP130 Datasheet HTML 4Page - Diodes Incorporated AP130 Datasheet HTML 5Page - Diodes Incorporated AP130 Datasheet HTML 6Page - Diodes Incorporated AP130 Datasheet HTML 7Page - Diodes Incorporated AP130 Datasheet HTML 8Page - Diodes Incorporated AP130 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 8 - 2
5 of 11
www.diodes.com
December 2011
© Diodes Incorporated
Typical Performance Characteristics
AP130 PSRR vs. Frequency
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
10
100
1K
10K
100K
1M
Frequency (Hz)
AP130 Vout vs. Load Current
3.31
3.315
3.32
3.325
3.33
3.335
3.34
3.345
3.35
0
30
60
90 120 150 180 210 240 270 300
Load Current
(A)
AP130 GND Current vs. Input Voltage
0
5
10
15
20
25
30
35
40
45
50
00.5 11.52 2.5 33.544.5 55.56
Input Voltage (V)
AP130 Dropout vs. Load
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
Load (Io) (mA)
VOUT=3.3V
Functional Descriptions
A minimum of 10µF capacitor must be connected from OUT to ground to insure stability. Typically a large storage capacitor is
connected from VIN to ground to ensure that the input voltage does not sag below the minimum dropout voltage during the
load transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com