Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP130
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP130 Datasheet HTML 2Page - Diodes Incorporated AP130 Datasheet HTML 3Page - Diodes Incorporated AP130 Datasheet HTML 4Page - Diodes Incorporated AP130 Datasheet HTML 5Page - Diodes Incorporated AP130 Datasheet HTML 6Page - Diodes Incorporated AP130 Datasheet HTML 7Page - Diodes Incorporated AP130 Datasheet HTML 8Page - Diodes Incorporated AP130 Datasheet HTML 9Page - Diodes Incorporated AP130 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 8 - 2
6 of 11
www.diodes.com
December 2011
© Diodes Incorporated
Lead-free
Lead-free
Lead-free
Lead-free
Ordering Information
Output Voltage
Package
Packing
R : SC59R
Lead Free
L : Lead Free
G : Green (Note 9)
SA : SOT23
15 : 1.5V
18 : 1.8V
20 : 2.0V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
35 : 3.5V
7/13 : Tape & Reel
Y : SOT89-3L
YR : SOT89R-3L
W : SC59
AP 130 - XX XX X - X
Device
Package Code
Packaging
(Note 10)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP130-XXWL-7
W
SC59
3000/Tape & Reel
-7
AP130-XXWG-7
W
SC59
3000/Tape & Reel
-7
AP130-XXRL-7
R
SC59R
3000/Tape & Reel
-7
AP130-XXRG-7
R
SC59R
3000/Tape & Reel
-7
AP130-XXSAG-7
SA
SOT23
3000/Tape & Reel
-7
AP130-XXYL-13
Y
SOT89-3L
2500/Tape & Reel
-13
AP130-XXYG-13
Y
SOT89-3L
2500/Tape & Reel
-13
AP130-XXYRL-13
YR
SOT89R-3L
2500/Tape & Reel
-13
AP130-XXYRG-13
YR
SOT89R-3L
2500/Tape & Reel
-13
Notes:
9. SOT23 is available in “Green” product only.
10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com