Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2005CTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IP2005CTRPBF
Description  Synchronous Buck Optimized LGA Power Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005CTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IP2005CTRPBF Datasheet HTML 1Page - International Rectifier IP2005CTRPBF Datasheet HTML 2Page - International Rectifier IP2005CTRPBF Datasheet HTML 3Page - International Rectifier IP2005CTRPBF Datasheet HTML 4Page - International Rectifier IP2005CTRPBF Datasheet HTML 5Page - International Rectifier IP2005CTRPBF Datasheet HTML 6Page - International Rectifier IP2005CTRPBF Datasheet HTML 7Page - International Rectifier IP2005CTRPBF Datasheet HTML 8Page - International Rectifier IP2005CTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.irf.com
04/09/2009
1
iP2005CPbF
PD-60360
Features
• 40A Multiphase building block
• No derating up to TPCB = 95ºC
• Optimized for low power loss
• Bias supply range of 4.5V to 7.0V
• Operation up to 1.5MHz
• Bi-directional current flow
• Under Voltage Lockout
• LGA interface
• 7.65mm x 7.65mm outline
Applications
• Multi-phase Architectures
• Low Duty-Ratio, High Current
• Microprocessor Power Supplies
• High Frequency Low Profile DC-DC
Converters
Synchronous Buck
Optimized LGA Power Block
Description
The iP2005C is a fully optimized solution for
high current synchronous buck multiphase
applications. Board space and design time are
greatly
reduced
because
most
of
the
components required for each phase of a
typical discrete-based multiphase circuit are
integrated into a single 7.65mm x 7.65mm x
1.66mm power block.
The only additional
components
required
for
a
complete
multiphase converter are a PWM controller, the
output inductors, and the input and output
capacitors.
Package
Description
Interface
Connection
Standard
Quantity
iP2005CPbF
LGA
10
iP2005CTRPbF
LGA
2000
Typical Application


Similar Part No. - IP2005CTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2005APBF IRF-IP2005APBF Datasheet
814Kb / 18P
High Frequency Synchronous Buck Optimized LGA Power Stage
IP2005ATRPBF IRF-IP2005ATRPBF Datasheet
814Kb / 18P
High Frequency Synchronous Buck Optimized LGA Power Stage
More results

Similar Description - IP2005CTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003 IRF-IP2003 Datasheet
291Kb / 9P
MULTIPHASE OPTIMIZED LGA POWER BLOCK
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP2003APBF IRF-IP2003APBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2001PBF IRF-IP2001PBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2004 IRF-IP2004 Datasheet
415Kb / 15P
SYNCHRONOUS BUCK LGA POWER BLOCK
IP1206PBF IRF-IP1206PBF Datasheet
936Kb / 30P
Synchronous Buck Multiphase Optimized LGA Power Block
IP2005APBF IRF-IP2005APBF Datasheet
814Kb / 18P
High Frequency Synchronous Buck Optimized LGA Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com