Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2005CTRPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IP2005CTRPBF
Description  Synchronous Buck Optimized LGA Power Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2005CTRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IP2005CTRPBF Datasheet HTML 6Page - International Rectifier IP2005CTRPBF Datasheet HTML 7Page - International Rectifier IP2005CTRPBF Datasheet HTML 8Page - International Rectifier IP2005CTRPBF Datasheet HTML 9Page - International Rectifier IP2005CTRPBF Datasheet HTML 10Page - International Rectifier IP2005CTRPBF Datasheet HTML 11Page - International Rectifier IP2005CTRPBF Datasheet HTML 12Page - International Rectifier IP2005CTRPBF Datasheet HTML 13Page - International Rectifier IP2005CTRPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.irf.com
04/09/2009
10
iP2005CPbF
PD-60360
Internal Block Diagram
Figure 12 Internal Block Diagram
Pin Description
Pin Number
Pin Name
Description
1
VIN
Input voltage pin. Connect input capacitors close to this pin.
2
VSW
Voltage Switching Node – pin connection to the output inductor.
3
PGND
Power Ground
4
VDD
Supply voltage to internal circuitry.
5
PWM
TTL level input to MOSFET drivers. When PWM is HIGH, the Control
FET is on and the Sync FET is off. When PWM is LOW, the Sync FET
is on and the Control FET is off.
6
ENABLE
When set to logic level high, internal circuitry of the device is enabled.
When set to logic level low, the Control and Synchronous FETs are
turned off.
7,8
N/C
No Connection, can be left floating. (Note A)
Notes:
A. It is recommended to connect PIN 7 and 8 to PIN 1 on PCB to reduce thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com