Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU407 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BU407
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU407 Datasheet(HTML) 2 Page - Continental Device India Limited

  BU407 Datasheet HTML 1Page - Continental Device India Limited BU407 Datasheet HTML 2Page - Continental Device India Limited BU407 Datasheet HTML 3Page - Continental Device India Limited BU407 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLASTIC POWER TRANSISTORS
BU406
BU407
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise )
Emitter Cut off Current
IEBO
VEB=6V, IC=0
1.0
mA
Base Emitter Saturation Voltage
*VBE (sat)
IC=5A, IB=0.5A
1.2
V
DC Current Gain
*hFE
IC=5A, VCE=1V
10
DYNAMIC CHARACTERISTIC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Transition Frequency
fT
IC=0.5A, VCE=10V, f=20MHz
10
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
pF
SWITCHING CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
0.75
Typ. 80
1.0
V
TEST CONDITION
MIN
UNIT
Collector Emitter Saturation
Voltage
MAX
µs
Vcc=40V, Ic=5A, IB1=IB2=0.5A,
L=150
µH
DESCRIPTION
*VCE (sat)
SYMBOL
IC=5A, IB=0.5A
Inductive Load Crossover Time
tc
*Pulse Test : Pulse width <300ms, Duty Cycle < 1%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com