Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU407 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BU407
Description  NPN PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU407 Datasheet(HTML) 1 Page - Continental Device India Limited

  BU407 Datasheet HTML 1Page - Continental Device India Limited BU407 Datasheet HTML 2Page - Continental Device India Limited BU407 Datasheet HTML 3Page - Continental Device India Limited BU407 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN PLASTIC POWER TRANSISTORS
BU406
BU407
TO-220
Plastic Package
Horizontal Deflection Output Stages of TV and CRT
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
BU406
UNIT
Collector Emitter Voltage
VCEO
200
V
Collector Base Voltage
VCBO
400
V
Collector Emitter Voltage
VCEV
400
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Collector Current Repetitive Peak
ICM
A
Collector Current (10ms) Peak
ICM
A
Base Current
IB
A
Power Dissipation upto Tc=25ºC
PD
W
Derate above 25ºC
mW/ºC
Power Dissipation upto Ta=25ºC
PD
W
Derate above 25ºC
mW/ºC
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise )
Collector Emitter (sus) Voltage
*VCEO(sus)
IC=100mA, IB=0
BU406
200
V
BU407
150
V
Collector Cut off Current
ICES
VCE=400V, VBE=0
BU406
5.0
mA
VCE=330V, VBE=0
BU407
5.0
mA
VCE=250V, VBE=0
BU406
0.1
mA
VCE=200V, VBE=0
BU407
0.1
mA
Tc=150ºC
VCE=250V, VBE=0
BU406
1.0
mA
VCE=200V, VBE=0
BU407
1.0
mA
*Pulse Test : Pulse width <300
µµs, Duty Cycle <1%
2.08
- 65 to +150
MIN
MAX
15
UNIT
480
62.5
60
2
16
6
7
10
4
Operating and Storage
Junction Temperature
Tj , Tstg
BU407
150
330
330
DESCRIPTION
SYMBOL
TEST CONDITION
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BU407

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU407 MOSPEC-BU407 Datasheet
106Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
logo
Power Innovations Ltd
BU407 POINN-BU407 Datasheet
157Kb / 7P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU407 STMICROELECTRONICS-BU407 Datasheet
61Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTOR
Jun-1997
logo
Wing Shing Computer Com...
BU407 WINGS-BU407 Datasheet
64Kb / 1P
SILICON EPITAXIAL PLANNAR TRANSISTOR(GENERAL DESCRIPTION)
logo
Samsung semiconductor
BU407 SAMSUNG-BU407 Datasheet
154Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BU407

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
NPN PLASTIC POWER TRANSISTORS
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
NPN PLASTIC POWER TRANSISTORS
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com