Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF011 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT25DF011
Description  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF011 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT25DF011 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF011 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
AT25DF011
DS-25DF011–032A–4/2014
7.
Read Commands
7.1
Read Array
The Read Array command can be used to sequentially read a continuous stream of data from the device by simply
providing the clock signal once the initial starting address is specified. The device incorporates an internal address
counter that automatically increments every clock cycle.
Two opcodes (0Bh and 03h) can be used for the Read Array command. The use of each opcode depends on the
maximum clock frequency that will be used to read data from the device. The 0Bh opcode can be used at any clock
frequency up to the maximum specified by f
CLK, and the 03h opcode can be used for lower frequency read operations up
to the maximum specified by f
RDLF.
Chip Erase
60h
0110 0000
Up to 85 MHz
0
0
0
C7h
1100 0111
Up to 85 MHz
0
0
0
Chip Erase (Legacy Command)
62h
0110 0010
Up to 85 MHz
0
0
0
Byte/Page Program (1 to 256 Bytes)
02h
0000 0010
Up to 85 MHz
3
0
1+
Protection Commands
Write Enable
06h
0000 0110
Up to 85 MHz
0
0
0
Write Disable
04h
0000 0100
Up to 85 MHz
0
0
0
Security Commands
Program OTP Security Register
9Bh
1001 1011
Up to 85 MHz
3
0
1+
Read OTP Security Register
77h
0111 0111
Up to 85 MHz
3
2
1+
Status Register Commands
Read Status Register
05h
0000 0101
Up to 85 MHz
0
0
1+
Write Status Register Byte 1
01h
0000 0001
Up to 85 MHz
0
0
1
Write Status Register Byte 2
31h
0011 0001
Up to 85 MHz
0
0
1
Miscellaneous Commands
Reset
F0h
1111 0000
Up to 85 MHz
0
0
1(D0h)
Read Manufacturer and Device ID
9Fh
1001 1111
Up to 85 MHz
0
0
1 to 4
Read ID (Legacy Command)
15h
0001 0101
Up to 85 MHz
0
0
2
Deep Power-Down
B9h
1011 1001
Up to 85 MHz
0
0
0
Resume from Deep Power-Down
ABh
1010 1011
Up to 85 MHz
0
0
0
Ultra Deep Power-Down
79h
0111 1001
Up to 85 MHz
0
0
0
1.
Varies by voltage range. See Table 13.4 “AC Characteristics - Maximum Clock Frequencies”.
Table 6-1.
Command Listing
Command
Opcode
Clock
Frequency
Address
Bytes
Dummy
Bytes
Data
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com