Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF321A Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AT25DF321A
Description  32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF321A Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AT25DF321A Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF321A Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
18
3686F–DFLASH–1/2014
AT25DF321A
9.
Protection Commands and Features
9.1
Write Enable
The Write Enable command is used to set the Write Enable Latch (WEL) bit in the Status Register to a logical “1” state. The
WEL bit must be set before a Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown, Freeze Sector
Lockdown State, Program OTP Security Register, or Write Status Register command can be executed. This makes the
issuance of these commands a two step process, thereby reducing the chances of a command being accidentally or erroneously
executed. If the WEL bit in the Status Register is not set prior to the issuance of one of these commands, then the command
will not be executed.
To issue the Write Enable command, the CS pin must first be asserted and the opcode of 06h must be clocked into the device.
No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored. When the CS pin
is deasserted, the WEL bit in the Status Register will be set to a logical “1”. The complete opcode must be clocked into the
device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation and the state of the WEL bit will not change.
Figure 9-1. Write Enable
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the logical "0" state.
With the WEL bit reset, all Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown, Freeze Sector
Lockdown State, Program OTP Security Register, and Write Status Register commands will not be executed. Other conditions
can also cause the WEL bit to be reset; for more details, refer to the WEL bit section of the Status Register description.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h must be clocked into the device.
No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored. When the CS pin
is deasserted, the WEL bit in the Status Register will be reset to a logical “0”. The complete opcode must be clocked into the
device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation and the state of the WEL bit will not change.
SCK
CS
SI
SO
MSB
23
1
0
00000110
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com