Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846AW Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC846AW
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC846AW Datasheet(HTML) 2 Page - Continental Device India Limited

  BC846AW Datasheet HTML 1Page - Continental Device India Limited BC846AW Datasheet HTML 2Page - Continental Device India Limited BC846AW Datasheet HTML 3Page - Continental Device India Limited BC846AW Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC846W , 847W, 848W
SOT-323
Formed SMD Package
NPN
ELECTRICAL CHARACTERISTICS (Tamb=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
DC Current Gain
hFE
IC=2mA, VCE=5V
BC846W
110
450
BC847W,BC848W
110
800
BC846AW,BC847AW
110
220
BC846BW,BC847BW
200
450
BC847CW
520
800
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.5mA
0.25
V
*IC=100mA, IB=5mA
0.60
V
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA, IB=0.5mA
0.7
V
*IC=100mA, IB=5mA
0.9
V
Base Emitter On Voltage
VBE (on)
IC=2mA, VCE=5V
0.58
0.70
V
IC=10mA, VCE=5V
0.77
V
Collector Capacitance
Cc
IE=ie=0, VCB=10V, f=1MHz
3.0
pF
Transition Frequency
fT
IC=10mA, VCE=5V,f=100MHz
100
MHz
Noise Figure
NF
IC=0.2mA, VCE=5V
10
dB
Rs=2kΩ, f=1KHz, B=200Hz
**Pulse test tp=300µ
µs, δδ < 0.02
BC846W_BC848W Rev170210E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com