Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846AW Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC846AW
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC846AW Datasheet(HTML) 1 Page - Continental Device India Limited

  BC846AW Datasheet HTML 1Page - Continental Device India Limited BC846AW Datasheet HTML 2Page - Continental Device India Limited BC846AW Datasheet HTML 3Page - Continental Device India Limited BC846AW Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC846W , 847W, 848W
SOT-323
NPN
Formed SMD Package
Marking
BC846W =1D
BC847AW =1E
BC846AW =1A
BC847BW =1F
BC846BW =1B
BC847CW =1G
BC847W =1H
BC848W =1M
General Purpose Switching and Amplification.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BC846W
BC847W
UNITS
Collector Base Voltage
VCBO
80
50
V
Collector Emitter Voltage
VCEO
65
45
V
Emitter Base Voltage
VEBO
6
6
5
V
Collector Current (DC)
IC
mA
Peak Collector Current
ICM
mA
Peak Base Current
IBM
mA
Power Dissipation Tamb=25ºC
*Ptot
mW
Storage Temperature
Tstg
ºC
Junction Temperature
Tj
ºC
Operating Ambient Temperature
Tamb
ºC
THERMAL RESISTANCE
From junction to ambient
*Rth (j-a)
K/W
*Transistor mounted on an FR4 printed circuit board
ELECTRICAL CHARACTERISTICS (Tamb=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Cut Off Current
ICBO
VCB=30V, IE=0
15
nA
VCB=30V, IE=0, Tj=150 ºC
5
µA
Emitter Cut Off Current
IEBO
VEB=5V, IC=0
100
nA
DC Current Gain
hFE
IC=10µA, VCE=5V
BC846AW, BC847AW
90
BC846BW, BC847BW,BC848BW
150
BC847CW
270
BC846W_BC848W Rev170210E
- 65 to +150
150
- 65 to +150
625
100
200
200
200
BC848W
30
30
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC846AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846AW PHILIPS-BC846AW Datasheet
50Kb / 8P
NPN general purpose transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC846AW SIEMENS-BC846AW Datasheet
272Kb / 8P
NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC846AW DIODES-BC846AW Datasheet
47Kb / 2P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Infineon Technologies A...
BC846AW INFINEON-BC846AW Datasheet
229Kb / 8P
NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC846AW DIOTEC-BC846AW Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC846AW

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com