Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC317 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC317
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC317 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC317 Datasheet HTML 1Page - Continental Device India Limited BC317 Datasheet HTML 2Page - Continental Device India Limited BC317 Datasheet HTML 3Page - Continental Device India Limited BC317 Datasheet HTML 4Page - Continental Device India Limited BC317 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
BC317/A/B
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Noise Figure
NF
IC=200µA, VCE=5V,
RS=2kΩ, f=1KHz,
BW=200Hz
6
dB
Output Capacitance
Cob
VCB=10V, IE=0,f=1MHz
4
pF
Input Capacitance
Cib
VEB=0.5V, IC=0,f=1MHz
11.5
pF
Transition Frequency
fT
IC=10mA, VCE=5V
280
MHz
Voltage Feedback Ratio
hre
IC=2mA, VCE=5V, f=1KHz
2
x10
-4
Input Impedance
hie
IC=2mA, VCE=5V, f=1KHz
5
k
Ω
Output Admittance
hoe
IC=2mA, VCE=5V, f=1KHz
20
µmhos
Small Signal Current Gain
hfe
IC=2mA, VCE=5V, f=1KHz
BC317
125
500
BC317A
125
260
BC317B
240
500
BC317_A_B_Rev220103E
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com