Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC317 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC317
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC317 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC317 Datasheet HTML 1Page - Continental Device India Limited BC317 Datasheet HTML 2Page - Continental Device India Limited BC317 Datasheet HTML 3Page - Continental Device India Limited BC317 Datasheet HTML 4Page - Continental Device India Limited BC317 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
BC317/A/B
TO-92
Plastic Package
Amplifier Transistor
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNITS
Collector Emitter Voltage
V
Collector Base Voltage
V
Emitter Base Voltage
V
Collector Current
mA
Power Dissipation @ Ta=25ºC
mW
Derate Above 25ºC
mW/ºC
Power Dissipation @ Tc=25ºC
W
Derate Above 25ºC
mW/ºC
Operating and Storage Junction
Temperature Range
ºC
THERMAL CHARACTERISTICS
Junction to Case
ºC/W
Junction to Ambient in free air
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
45
V
Collector Emitter Voltage
VCES
IC=100µA, VBE=0
50
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
50
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
6.0
V
Collector Cut off Current
ICBO
VCB=20V, IE = 0
30
nA
Emitter Cut off Current
IEBO
VEB=4V, IC = 0
15
nA
Base Emitter On Voltage
VBE (on)
IC=2mA, VCE=5V
0.57
0.72
V
IC=10mA, VCE=5V
0.77
V
Collector Emitter Saturation Voltage
VCE (sat)
IC=100mA, IB=5mA
0.60
V
Base Emitter Saturation Voltage
VBE (sat)
IC=10mA, IB=0.5mA
0.70
V
IC=100mA, IB=5mA
0.85
V
DC Current Gain
hFE
IC=10µA, VCE=5V
BC317A
90
BC317B
40
IC=2mA, VCE=5V
BC317
110
450
BC317A
110
220
BC317B
200
450
BC317_A_B_Rev220103E
PD
PD
1.0
350
2.8
150
SYMBOL
VCBO
VEBO
VCEO
IC
VALUE
45
50
6.0
8.0
- 55 to +150
Tj, Tstg
Rth (j-a)
125
357
Rth (j-c)
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC317

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC317 MICRO-ELECTRONICS-BC317 Datasheet
228Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC317

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com