Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC308R2KT Datasheet(PDF) 3 Page - Tyco Electronics

Part # SC308R2KT
Description  Axial Leaded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SC308R2KT Datasheet(HTML) 3 Page - Tyco Electronics

  SC308R2KT Datasheet HTML 1Page - Tyco Electronics SC308R2KT Datasheet HTML 2Page - Tyco Electronics SC308R2KT Datasheet HTML 3Page - Tyco Electronics SC308R2KT Datasheet HTML 4Page - Tyco Electronics SC308R2KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Axial Leaded Power Inductors
Type SC10, SC15, SC30, SC55 Series
Literature No. 1773282
Issued: 10-06
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type SC15 (continued)
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - µH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
24*
27
30
33
36*
39
43*
47
51*
56
62*
68
75*
82
91*
100
110*
120
130*
150
160*
180
200*
220
240*
270
300*
330
2R7
3R3
3R9
4R7
5R6
6R8
8R2
100
120
150
180
220
240*
270
300
330
360*
390
430*
470
510*
560
620*
680
750*
820
910*
101
111*
121
131*
151
161*
181
201*
221
241*
271
301*
331
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
33
33
33
33
45
50
50
55
65
65
75
75
60
60
65
65
60
60
60
55
55
55
55
55
55
50
50
50
60
65
65
65
65
65
65
65
65
65
65
65
120
110
100
90
60
55
50
45
42
40
34
30
27
25
21
19
15.5
14.5
13.7
13.0
12.7
12.0
11.5
11.0
10.5
10.3
10.0
9.5
8.9
8.7
8.5
8.0
7.5
7.0
6.5
6.2
5.9
5.7
5.4
5.1
1.20
2.00
2.30
2.60
0.32
0.50
0.60
0.90
1.10
1.40
2.25
2.50
2.50
2.60
2.80
3.00
2.50
2.60
2.70
2.75
2.85
3.00
3.15
3.30
3.70
3.90
4.30
4.50
4.90
5.20
5.45
6.05
6.40
6.75
7.10
7.45
7.80
9.00
11.50
12.50
440
340
320
300
690
550
505
415
375
330
260
250
250
242
230
227
250
244
238
235
231
225
220
215
203
200
188
185
176
170
167
160
154
150
147
144
140
131
118
111
* Starred Items have a standard tolerance of 5% not 10%
Characteristics - Electrical
Type SC30
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - µH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
R022
R027
R033
R039
R047
R056
R068
R082
R10
R12
R15
R18
50
50
50
50
50
50
50
50
25
25
25
25
33
33
33
33
33
33
33
33
40
40
38
35
1245
1200
1175
1130
1060
990
900
750
680
640
600
550
0.006
0.010
0.026
0.033
0.038
0.048
0.055
0.065
0.080
0.090
0.10
0.12
3000
2800
2620
2320
2170
1930
1800
1650
1490
1400
1330
1210
The SC30 Series was formerly the Tyco C30 Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com