Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC308R2KT Datasheet(PDF) 4 Page - Tyco Electronics

Part # SC308R2KT
Description  Axial Leaded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SC308R2KT Datasheet(HTML) 4 Page - Tyco Electronics

  SC308R2KT Datasheet HTML 1Page - Tyco Electronics SC308R2KT Datasheet HTML 2Page - Tyco Electronics SC308R2KT Datasheet HTML 3Page - Tyco Electronics SC308R2KT Datasheet HTML 4Page - Tyco Electronics SC308R2KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Axial Leaded Power Inductors
Type SC10, SC15, SC30, SC55 Series
Literature No. 1773282
Issued: 10-06
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type SC30 (continued)
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - µH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
R22
R27
R33
R39
R47
R56
R68
R82
1R0
1R2
1R5
1R8
2R2
2R7
3R3
3R9
4R7
5R6
6R8
8R2
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
33
33
30
30
30
30
28
28
25
25
28
30
30
37
45
45
45
50
50
55
55
45
45
50
50
50
45
45
45
45
50
50
50
30
30
30
30
30
30
30
30
30
30
30
30
510
430
410
365
330
300
275
250
230
150
140
125
115
100
90
80
75
65
60
55
50
40
35
30
25
20
24
22
20
18
15
14
13
12
11
10
9
8
7
6.5
6
5
4
3.8
3.4
0.14
0.16
0.22
0.30
0.35
0.50
0.60
0.85
1.00
0.18
0.22
0.30
0.40
0.55
0.85
1.0
1.2
1.8
2.0
2.7
3.7
2.7
2.8
3.1
3.3
3.5
3.4
3.6
4.5
5.7
6.7
7.3
8.0
13.0
15.0
17.0
21.0
25.0
28.0
35.0
42.0
46.0
60.0
65.0
72.0
1120
1050
900
770
710
595
540
455
420
990
895
765
665
565
455
420
384
314
298
256
219
256
251
239
232
225
228
222
198
176
162
156
149
116
108
102
92
84
79
71
65
62
54
52
49
The SC30 Series was formerly the Tyco C30 Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com