Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC168B Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC168B
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC168B Datasheet(HTML) 2 Page - Continental Device India Limited

  BC168B Datasheet HTML 1Page - Continental Device India Limited BC168B Datasheet HTML 2Page - Continental Device India Limited BC168B Datasheet HTML 3Page - Continental Device India Limited BC168B Datasheet HTML 4Page - Continental Device India Limited BC168B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC167A, BC167B
BC168A, BC168B, BC168C
BC169B, BC169C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
DC Current Gain
A
hFE
IC=0.01mA,VCE=5V
90
B
150
C
270
A
IC=2mA,VCE=5V
120
220
B
180
460
C
380
800
BC167A, 168A
IC=100mA,VCE=5V
120
BC167B, 168B
200
BC168C
400
Collector Emitter Saturation Voltage
VCE(Sat)*IC=10mA,IB=0.5mA
0.2
V
VCE(Sat)*IC=100mA,IB=5mA**
0.6
V
Base Emitter Saturation Voltage
VBE(Sat) *IC=10mA,IB=0.5mA
0.83
V
VBE(Sat) *IC=100mA,IB=5mA**
1.05
V
Base Emitter On Voltage
VBE(On)
IC=2mA,VCE=5V
0.55
0.7
V
IC=0.1mA,VCE=5V
0.55
V
IC=100mA,VCE=5V**
0.83
V
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Transistors Frequency
fT
IC=0.5mA, VCE=3V
85
MHz
f=100MHz
IC=10mA, VCE=5V
150
MHz
f=100MHz
Collector Capacitance
Ccbo
VCB=10V, IE=0
4.5
pF
f=1MHz
Emitter Capaitance
Cebo
VEB =0.5V, f =1MHz
8.0
pF
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com