Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC168B Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BC168B
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC168B Datasheet(HTML) 3 Page - Continental Device India Limited

  BC168B Datasheet HTML 1Page - Continental Device India Limited BC168B Datasheet HTML 2Page - Continental Device India Limited BC168B Datasheet HTML 3Page - Continental Device India Limited BC168B Datasheet HTML 4Page - Continental Device India Limited BC168B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC167A, BC167B
BC168A, BC168B, BC168C
BC169B, BC169C
TO-92
Plastic Package
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Noise Figure
BC169
NF
IC=0.2mA, VCE=5V
4.0
dB
Small Signall Current Gain
A
Rg=2W, f=30HZ to
15kHz
BC167, 168
NF
IC=0.2mA, VCE=5V
10
BC169
Rg=2W, f=1kHZ ,
4
dB
f=200Hz
dB
Small Signall Current Gain
A
h11e
IC=2mA, VCE=5V,
1.6
4.5
kW
B
f=1kHz
3.2
8.5
kW
C
6.0
16
kW
A
h12e
1.5
10
-4
B
2.0
C
3.0
A
h21e
125
260
B
240
500
C
450
900
A
h22e
30
µ MHO
B
60
µ MHO
C
110
µ MHO
** Measuring Values not for BC169
* The transistor is overdriven to such an extent that the static forward current transfer ratio has
decreased to hFE =20
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com