Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT36X Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT36X Datasheet HTML 12Page - Active-Semi, Inc ACT36X Datasheet HTML 13Page - Active-Semi, Inc ACT36X Datasheet HTML 14Page - Active-Semi, Inc ACT36X Datasheet HTML 15Page - Active-Semi, Inc ACT36X Datasheet HTML 16Page - Active-Semi, Inc ACT36X Datasheet HTML 17Page - Active-Semi, Inc ACT36X Datasheet HTML 18Page - Active-Semi, Inc ACT36X Datasheet HTML 19Page - Active-Semi, Inc ACT36X Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
-16-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT336 5V/1200MA CHARGER
Operation and Application
Figure 1 is the schematic of an offline charger
using ACT336 to provide output power of
5V1200mA. This circuit is a typical flyback power
supply which includes the AC rectified circuit
(BD1,C1, L2,C2),power drive circuit (BD pin, Q1),
secondary rectified circuit (D8, C5,C6) and the IC
control circuit. ACT336 is a Primary Side Regula-
tor (PSR) so that the power supply unit can regu-
late current and voltage without Opto-coupler.
Pin 6 and Pin 2,4,7 are the VDD and ground pins
to provide power for the IC. Pin 8 is the base
drive for the NPN transistor. Pin 1 is the switch-
ing pin. Pin 5 is the feedback pin that senses the
output current and output voltage. Pin 3 is the
peak current sense pin. Resistance of R10 deter-
mines the output DC cord compensation percent-
age.
This circuit can be used as universal charger for
Cell Phones, PDAs, MP3,Portable Media Play-
ers, Shaver, DSCs, and Other Portable Devices
and Appliances.
Key Component Selection
Input Voltage
Device
Standby Power
Output Voltage
Power output
Transformer
Topology
85-264VAC
ACT336
30mW
5V
7W
EFD15
Flyback
Figure 1:
Schematic of Charger
The maximum output current is decided by for-
mula (1).
Lp is the transformer inductance value, Rcs is
the current sense resistor, which is shown as
R9 in the schematic. Fsw is the switching fre-
quency, which design value is 75kHz.η
is the
overall system efficiency, which value is ap-
proximately equal to 70%. Voutcc is the output
voltage, which setting is through the flyback
voltage of auxiliary winding and the feedback
resistor R5, R6 as shown in formula (2).
Np/Ns/Naux (140/8/23) must be designed cor-
rectly to ensure it operates in DCM in all condi-
tions. A design value Voutcc equal to 5V and
Ioutcc_min equal to 1200mA are used to do the
design. Ns and Naux are number of turns of
secondary and auxiliary of the transformer.
VSEC_R is the forward voltage drop of the out-
put rectifier diode at approximately 0.1A bias.
The peak current limit is set by (0.396×0.9)/Rcs.
)
V
F
(
)
R
396
.
0
*
9
.
0
(
L
2
1
I
OUTCC
SW
2
CS
P
OUTCC
×
×
×
×
=
η
R
_
SEC
AUX
S
6
5
REF
OUTCC
V
N
N
)
R
R
1
(
V
V
−
×
+
×
=
L=26.4mm
W=24.4mm
H=26.0mm
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com