Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT36X Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT36X
Description  AC/DC Charger/Adapter Reference Designs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT36X Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT36X Datasheet HTML 1Page - Active-Semi, Inc ACT36X Datasheet HTML 2Page - Active-Semi, Inc ACT36X Datasheet HTML 3Page - Active-Semi, Inc ACT36X Datasheet HTML 4Page - Active-Semi, Inc ACT36X Datasheet HTML 5Page - Active-Semi, Inc ACT36X Datasheet HTML 6Page - Active-Semi, Inc ACT36X Datasheet HTML 7Page - Active-Semi, Inc ACT36X Datasheet HTML 8Page - Active-Semi, Inc ACT36X Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
-5-
PSR
PSR
PSR TM
Active
High Efficiency AC/DC Primary Switching Solutions
ACT361 5V/1000MA CHARGER
Bill of Materials
Transformer Specitication
Build up
Note:1.SH1,SH2 are shielding; P1 & P2 are primary and S1 is
secondary.(Bobbin:EE16)
Electrical specifications
Item
Description
Condition
Limits
1
Electrical
Strength
50Hz, 1 minute, from primary and
secondary
3000Vac
2
P1 Inductance
Inductance between pins 5 and 3 at
1Vac & 1kHz
1.7mH± 7
%
3
P1 Leakage
Inductance
Inductance between pins 3 and 5 with
pins 1-2 and 6-8 shorted
75µH
PCB Top and Bottom Layers
Typical Performance Characteristics
STANDBY POWER
EFFICIENCY
CC/CV CURVE
EVALUATION KITS
Vin
Vo
Io
ACT361-01
85-264Vac
4.75-5.25V
1000-1268mA
Wind-
ing
Terminal
Turns
Wire
Insulation
Start
Fin-
ish
Type
Size*QTY
Layer
Thick/Wide
Lay
er
P1
3
-->
47
2UEW
0.15Φ*1
1
0.025*8.5W
2
<--
<--
47
2UEW
0.15Φ*1
1
0.025*8.5W
-->
5
46
2UEW
0.15Φ*1
1
0.025*8.5W
SH1
2
NC
8
2UEW
0.12Φ*1
1
0.025*8.5W
2
S1
8
6
10
TEX-E
0.50Φ*1
1
0.025*8.5W
2
P2
4
2
14
2UEW
0.15Φ*2
1
0.025*8.5W
1
4
SH2
Core
5
1
Conductor
0.15Φ*1
1
0.025*10
2
2
REF
DESCRIPTION
MFTR
C1,C2
Capacitor, Electrolytic, 6.8µF/400V, 10x12mm
KSC
C3
Capacitor, Ceramic,1000pF/500V,1206,SMD
POE
C4
Capacitor, Electrolytic,10µF/50V,5x11mm
KSC
C5
Capacitor, Electrolytic, 680µF/10V, 8x12mm
KSC
C6
Capacitor, Electrolytic, 220µF/10V, 5x11mm
KSC
C7
Capacitor, Ceramic,1000pF/50V, 0805, SMD
POE
D1-D4
Diode,Rectifier,1000V/1A,1N4007, DO-41
Good-Ark
D5,D6
Diode,Ultra Fast, FR107,1000V/1.0A, DO-41
Good-Ark
D8
Diode, schottky, 40V/2A, SB210, DO-15
Good-Ark
L1
Axial Inductor, 2.2mH, 0410,Dip
Amode Tech
L2
Axial Inductor, 220µH, 0410,Dip
Amode Tech
Q2
Transistor, HFE 20-25, NPN,D13003X,TO-126
Huawei
PCB1
PCB, L*W*T=58x31.2x1.6mm,Cem-1,Rev:A
Jintong
FR1
Wire Round Resistor,1W,10Ω ,KNP, 5%
TY-OHM
R1
Chip Resistor, 750kΩ, 1206, 5%
TY-OHM
R2,R3
Chip Resistor, 5.1MΩ, 1206, 5%
TY-OHM
R4
Chip Resistor, 0.787Ω, 1206,1%
TY-OHM
R5
Chip Resistor, 22Ω, 0805, 5%
TY-OHM
R6
Chip Resistor, 22Ω, 0603, 5%
TY-OHM
R7
Chip Resistor, 162kΩ, 0805, 5%
TY-OHM
R8
Chip Resistor, 54.9kΩ, 0805,1%
TY-OHM
R9
Chip Resistor, 9.76kΩ, 0805, 1%
TY-OHM
R11
Chip Resistor, 1.2kΩ, 0805, 5%
TY-OHM
R13
Chip Resistor, 10Ω, 0805, 5%
TY-OHM
R14,R15
Chip Resistor, 2.2kΩ ohm, 0805, 5%
TY-OHM
T1
Transformer, Lp=1.7mH, EE16
U1
IC, ACT361,SOT23-6
Active-Semi.
USB
USB, Rev:A
S1
6
P2
1
2
P2
5
3
8
NC
Core(SH2)
4
P1
Pin1
Reverse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com