Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2113 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT2113_14 Datasheet HTML 1Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 2Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 3Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 4Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 5Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 6Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 7Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 8Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ACT2113
Rev 3, 23-May-12
®
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ORDERING INFORMATION
PART NUMBER
OPERATION TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT2113YH-T
-40°C to 85°C
SOP-8EP
8
TAPE & REEL
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
HSB
High-Side Bias Input. This pin acts as the positive rail for the high-side switch's gate
driver. Connect a 10nF or greater capacitor between HSB and SW pins.
2
IN
Input Supply. Bypass this pin to GND with a low ESR capacitor. Drive IN with a 4.5V to
18V power source. See Input Capacitor in the Application Information section.
3
SW
Switch Output. Connect this pin to the switching end of the external inductor. Note that
a capacitor is required from SW to HSB to power the high-side switch.
4
GND
Ground.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.923V.
See Setting the Output Voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. See
Compensation Components.
7
EN
Enable Input. When higher than 2.5V, this pin turns the IC on. When lower than 2.3V,
this pin turns IC off. When left unconnected, EN is pulled up to logic HIGH with a 2µA
pull-up current. EN is a digital input that turns the regulator on or off.
8
N/C
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com