Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2113 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2113
Description  18V/3A Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2113 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2113_14 Datasheet HTML 1Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 2Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 3Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 4Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 5Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 6Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 7Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 8Page - Active-Semi, Inc ACT2113_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
• 3A Output Current
• Wide 4.5V to 18V Operating Input Range
• Synchronous Buck Topology
• Integrated 85mΩ Power MOSFET Switches
• Output Adjustable from 0.923V to 12V
• Up to 95% Efficiency
• Stable with Low ESR Ceramic Output
Capacitors
• Internal Soft Start
• 3mA Low Standby Input Current
• High Light Load Efficiency
• Cycle-by-Cycle Over Current Limit
• Input Under Voltage Lockout
• Hiccup Protection at Short Circuit and Over
Current
• Frequency Fold Back Protection
• Low Power Dissipation at Over Current and
Short Circuit
APPLICATIONS
• LCD-TV
• Set-top Box
• Distributed Power Systems
• Networking Systems
GENERAL DESCRIPTION
ACT2113 is a monolithic synchronous buck
regulator.
The
device
integrates
two
85mΩ
MOSFETs, and provides 3A of continuous load
current over a wide input voltage of 4.5V to 18V.
Current mode control provides fast transient
response and cycle-by-cycle current limit. Hiccup at
short circuit reduces IC temperatures.
An internal soft-start prevents inrush current at turn-
on, and in shutdown mode the supply current drops
to 10μA. Pulse-skipping mode at light load reduces
standby power down to 3mA.
This device, available in an 8-pin SOP-8EP
package, provides a very compact solution with
minimal external components.
ACT2113
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
®
Load Current (mA)
10
100
1000
10000
Efficiency vs. Load Current
VOUT = 5V
VIN = 7.5V
VIN = 12V
VIN = 18V
100
90
80
70
60
50
40
30


Similar Part No. - ACT2113_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2113YH-T ACTIVE-SEMI-ACT2113YH-T Datasheet
690Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results

Similar Description - ACT2113_14

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113 Datasheet
690Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103_14 Datasheet
732Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7230 AITSEMI-A7230 Datasheet
1Mb / 17P
DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED
REV1.1
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com