Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3780 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 10Page - Active-Semi, Inc ACT3780 Datasheet HTML 11Page - Active-Semi, Inc ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc ACT3780 Datasheet HTML 15Page - Active-Semi, Inc ACT3780 Datasheet HTML 16Page - Active-Semi, Inc ACT3780 Datasheet HTML 17Page - Active-Semi, Inc ACT3780 Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
Figure 6:
Charger State Diagram
SUSPEND
PRECONDITION
FAST-CHARGE
END-OF-CHARGE
BATTERY REMOVED OR
(VCHGIN < VBAT) OR (VCHGIN <VCHGIN UVLO)
OR (VCHGIN > VOVP) OR
EN = LOW
BATTERY REPLACED AND
(VCHGIN > VBAT) AND (VCHGIN >VCHGIN UVLO)
AND (VCHGIN < VOVP)AND
EN = HIGH
VBAT > 2.85V
VBAT = VTERM
TEMP-FAULT
TOP-OFF
IBAT < IEOC OR
T > TNORMAL
TEMP OK
ANY STATE
TEMP NOT OK
TIMEOUT-FAULT
T > TPRECONDITION
T > TNORMAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com