Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3780 Datasheet(PDF) 15 Page - Active-Semi, Inc

Part # ACT3780
Description  50mΩ Battery Switch for Highest Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3780 Datasheet(HTML) 15 Page - Active-Semi, Inc

Back Button ACT3780 Datasheet HTML 11Page - Active-Semi, Inc ACT3780 Datasheet HTML 12Page - Active-Semi, Inc ACT3780 Datasheet HTML 13Page - Active-Semi, Inc ACT3780 Datasheet HTML 14Page - Active-Semi, Inc ACT3780 Datasheet HTML 15Page - Active-Semi, Inc ACT3780 Datasheet HTML 16Page - Active-Semi, Inc ACT3780 Datasheet HTML 17Page - Active-Semi, Inc ACT3780 Datasheet HTML 18Page - Active-Semi, Inc ACT3780 Datasheet HTML 19Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ACT3780
Rev 8, 09-Jul-13
Innovative PowerTM
- 15 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePath
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(VCHG_IN = 5V, RDCCC = 18.7kΩ, TA = 25°C, unless otherwise specified.)
CHG_IN Voltage (V)
3
5
7
9
11
13
Supply Current vs. CHG_IN Voltage (EN = 0)
140
120
100
80
60
40
20
0
Standby Current vs. CHG_IN Voltage
Bat Voltage (V)
0
1
2
3
4
5
6
BAT Reverse Leakage vs. Bat Voltage
BAT Reverse Leakage vs. Temperature
Battery Voltage (USB Mode)
6
5
4
3
2
1
0
6
5
4
3
2
1
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
Battery Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VBAT = 4.3V
EN = 1
No CHG_IN
CHGLEV = 0
CHGLEV = 0
VBAT = 4V
EN = 0
CHG_IN = 5V
ISYS = 0 mA
500mA USB
CHG_IN Voltage (V)
3
5
7
9
11
13
5
4
3
2
1
0
500
400
300
200
100
0
No CHG_IN
VCHG_IN = 5V
Battery Voltage (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Charger Current vs. Battery Voltage (USB Mode)
CHG_IN = 5V
ISYS = 0 mA
100mA USB
100
80
60
40
20
0
VBAT Falling
VBAT Rising
VBAT Falling
VBAT Rising
Over-Voltage Operation
Normal Operation
Dropout Operation
Under-voltage Lockout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com