Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-TEA3718DP Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-TEA3718DP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TEA3718DP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-TEA3718DP Datasheet HTML 2Page - STMicroelectronics E-TEA3718DP Datasheet HTML 3Page - STMicroelectronics E-TEA3718DP Datasheet HTML 4Page - STMicroelectronics E-TEA3718DP Datasheet HTML 5Page - STMicroelectronics E-TEA3718DP Datasheet HTML 6Page - STMicroelectronics E-TEA3718DP Datasheet HTML 7Page - STMicroelectronics E-TEA3718DP Datasheet HTML 8Page - STMicroelectronics E-TEA3718DP Datasheet HTML 9Page - STMicroelectronics E-TEA3718DP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Device diagrams
6/26
Table 2.
Pin functions
Name
Function
OUTB
Output connection (with pin OUT A). The output stage is a "H" bridge formed by four
transistors and four diodes suitable for switching applications.
PULSE TIME
A parallel RC network connected to this pin sets the OFF time of the lower power
transistors. The pulse generator is a monostable triggered by the rising edge of the
output of the comparators (toff = 0.69 RT CT).
VS(B)
Supply voltage input for half output stage
GND
Ground connection. In SO20 and power DIP these pins also conduct heat from die to
printed circuit copper.
VSS
Supply voltage input for logic circuitry
IN1
This pin and pin IN0 are logic inputs which select the outputs of three comparators to set
the current level. Current also depends on the sensing resistor and reference voltage.
See
Table 8: Truth table.
PHASE
This TTL-compatible logic input sets the direction of current flow through the load. A
high level causes current to flow from OUT A (source) to OUT B (sink). A Schmidt trigger
on this input provides good noise immunity and a delay circuit prevents output stage
short circuits during switching.
IN0
See IN1
COMPARATOR INPUT
Input connected to the three comparators. The voltage across the sense resistor is
feedback to this input through the low pass filter RCCC. The lower power transistor are
disabled when the sense voltage exceeds the reference voltage of the selected
comparator. When this occurs the current decays for a time set by RT CT,
Toff = 0.69 RT CT.
REFERENCE
A voltage applied to this pin sets the reference voltage of the three comparators.
Reference voltage with the value of RS and the two inputs IN0 and IN1 determines the
output current.
VS(A)
Supply voltage input for half output stage
OUTA
See pin OUT B
SENSE RESISTOR
Connection to lower emitters of output stage for insertion of current sense resistor
ALARM
When Tj reaches T1
oC the alarm output becomes low (TEA3718SP)
PRE-ALARM
When Tj reaches T2
oC the pre-alarm output becomes low (T2<T1) (TEA3718SFP)
Table 3.
Device comparison table
Device
Current
Package
Alarm
Pre-alarm
TEA3718SDP
1.5 A
Power DIP 12+2+2
Not connected
TEA3718SFP
1.5 A
SO20
Connected
TEA3718SP
1.5 A
Multiwatt 15
Connected
TEA3718DP
1.5 A
Power DIP 12+2+2
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com