Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-TEA3718DP Datasheet(PDF) 8 Page - STMicroelectronics

Part # E-TEA3718DP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TEA3718DP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button E-TEA3718DP Datasheet HTML 4Page - STMicroelectronics E-TEA3718DP Datasheet HTML 5Page - STMicroelectronics E-TEA3718DP Datasheet HTML 6Page - STMicroelectronics E-TEA3718DP Datasheet HTML 7Page - STMicroelectronics E-TEA3718DP Datasheet HTML 8Page - STMicroelectronics E-TEA3718DP Datasheet HTML 9Page - STMicroelectronics E-TEA3718DP Datasheet HTML 10Page - STMicroelectronics E-TEA3718DP Datasheet HTML 11Page - STMicroelectronics E-TEA3718DP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
8/26
3.3
Thermal data
Figure 5.
Maximum power dissipation
Figure 6.
Typical external component configuration
Table 6.
Thermal data
Symbol
Parameters
SO20
Power DIP
Multiwatt 15
Unit
Rth(j-c)
Maximum junction-case thermal resistance
16
11
3
oC/W
Rth(j-a)
Maximum junction-ambient thermal resistance
60(1)
45(1)
40
oC/W
1.
Soldered on a 35 µm thick 4 cm2 PC board copper area
RS = 1 ohm inductance free
RC = 470 ohms
CC = 820 pF ceramic
Rt = 56 kohms
Ct = 820 pF ceramic
P = 500 ohms
R2 = 1 kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com