Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5880 Datasheet(PDF) 83 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 83 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 79Page - Active-Semi, Inc ACT5880 Datasheet HTML 80Page - Active-Semi, Inc ACT5880 Datasheet HTML 81Page - Active-Semi, Inc ACT5880 Datasheet HTML 82Page - Active-Semi, Inc ACT5880 Datasheet HTML 83Page - Active-Semi, Inc ACT5880 Datasheet HTML 84Page - Active-Semi, Inc ACT5880 Datasheet HTML 85Page - Active-Semi, Inc ACT5880 Datasheet HTML 86Page - Active-Semi, Inc ACT5880 Datasheet HTML 87Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 83 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
Figure 19:
The Charge and Discharge Curves for NiMH
Cell.
Long Cord Power Operation
When a device whose normal operation is with a
power cord connected, the charger may frequently
seesaw charges the battery. Programming the fast
charge current to a smaller volume could have the
end of charge current less than the operation
current and then the end of charge condition does
not happen, forces the charger into floating. The
floating state causes less aging than the frequent
seesaw charge does. For staying in floating, the
total charge time-out function should be disabled
and the battery regulation should be programmed to
100mV lower than the nominal battery charge
termination voltage, which is desired for safe
floating and enlarges the battery life cycles.
USB Charging
The ACT5880 provides the adaptor charge input
detection, the battery installed detection, the
CHGLEV charge current set input and with few
programmable registers for the USB charging. 3
situations in battery powered devices specified in
the "Battery Charging" specification of the USB IF
are supported,
the
no-battery situation,
the
weak/dead battery situation and the battery normal
situation. Specified device behavior in those
situations is required only if the power source is
identified as a host charger or a hub charger.
The ACT5880 deploys the resistive method
recommended by the USB IF for the power source
identification, with its precise threshold ACIN input.
Ref to the Figure 20, a sample circuit uses single
port for both USB connection and charging, in
which the RDUP is 220kΩ, the RISO is 240kΩ and the
RDDW is 220kΩ. The input of an adaptor in
compliance with the "Battery Charging" and the
"YD/T1591" specifications is identified if both the
CHGIN and the ACIN are read valid. Only the
CHGIN read valid is for USB host attached or for
hub attached, while only the ACIN read valid is for
USB OTG A-device attached or for an over-loaded
weak adaptor attached. The resistive detection
provides reliable detection in most cases but the
case of a USB OTG A-device powering the VBUS
with its local 5V, which is a known operation state of
the device. The RDUP and the RISO should be placed
close to the traces connecting the USB receptacle
pins and USB PHY pins, for less branching effect,
which
is
important
to
running
high
speed
transmission.
Figure 20:
The Sample Circuit for USB Charging.
When a suitable voltage power applied on the
CHGIN, and while charging function allowed
(SUSCHG=0), if no battery detected, the charger
path turns into the LDO mode, in which it regulates
the VBAT voltage to power the system. The system
defines its way of operation in no-battery situation,
either as a no-battery USB device or turns its self
into device suspend mode with less than 2.5mA
drawn from USB port. In the LDO mode, the output
voltage is set by the VSET[ ], the pass current is
limited to the fast charge current set as a function of
the ISET[ ] and the CHGLEV, and the charge timers
are
cleared.
The
thermal
regulation
keeps
preventing the die from overheating.
When a USB or a hub is attached while the device
is with a weak/dead battery from the device system
point of view, while the charging function is default
enabled
(SUSCHG=0),
the
ACT5880
starts
charging with the fast charge set by the CHGLEV or
precondition charges the battery, dependent on if
the battery voltage is greater or less than the
precondition threshold. The CHGLEV should be
connected to an I/O of the host system with a pull-
down resistor around 1MΩ. Before the processor
1.6V
1.4V
1.2V
1.6V
1.4V
1.2V
1.4V
1.2V
1.0V
1C
0.33C
0.1C
0˚C
20˚C
40˚C
80% 100%120%
80% 100%120%
1C
1.8C
Charge Curveat 25˚C
Charge Curveat 1C charge
0.2C discharge at 25˚C
ACIN
RISO
ACT5880
Device
USB I/F
RDUP
RDDW
VBUS
CHGIN
Foreign
Adaptor
or USB
VBUS
D+
D-
USB connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com