Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXAM06 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GXAM06 Datasheet HTML 4Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 5Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 6Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 7Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 9Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 10Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 11Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
142
Product Nomenclature
MICROTEMP
® TCO
MICROTEMP
® TCO Packages
Figure 7
As shown in figure 7, Therm-O-Disc MICROTEMP
® TCOs follow a consistent product nomenclature that identifies the
basic product type, lead wire size, special features and packaging options. For example, a standard G4 series TCO
calibrated to open at 192°C would have a part number G4A00192C.
MICROTEMP
® TCO Product Markings
Primary TCOs
Secondary Packages
XXXXXXXX
Special customer identification
XXXXXXXXX
Special customer identification
(when required, up to 9 characters)
(when required, up to 9 characters)
MICROTEMP
®
Registered trademark
MICROTEMP
®
Registered trademark
P ZZZZZ
(P) Manufacturing plant;
(may be T-O-D)
(ZZZZZ) Date code
G Z X X XX RR
Part number (see figure 7)
G Z X XX
Part number (see figure 7)
TF TTTC P ZZ
(TF TTTC) Maximum open temperature °C;
TF TTTC
() Underwriters Labs logo;
(P) Manufacturing plant location;
(TF TTTC) Maximum open
(ZZ) Manufacture date code;
temperature °C
(
) Underwriters Labs logo
G
Z
X
X
XX
RR
TTTC
G – Rating type
(G – Global, Y-Non Agency)
Z – Internal construction
(4, 5, 6, 7, 8, 9)
X – Case material and lead wire
(A, C, D, F)
TTTC – Maximum
open temperature in
°C
RR – Assembly modifications
(Plating, terminal bend, stenciling)
XX – Specific package construction
(00-99)
X – General packages TCO type
(Configuration, potted, mounting base, etc.)
G
Z
X
XX
TTTC
G – Rating type
(G – Global, Y – Non Agency, R – Regional)
Z – Internal construction
(4, 5, 6, 7, 8, 9)
TTTC – Maximum
open temperature in
°C
XX – Modification of basic TCO
(Plating, lead material,
lead length, stenciling)
X – Case material and lead wire
(A, C, D, E, F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com