Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXAM06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GXAM06
Description  MICROTEMP Thermal Cutoffs INTRODUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GXAM06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GXAM06 Datasheet HTML 1Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 2Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 3Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 4Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 5Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 6Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 7Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 8Page - List of Unclassifed Manufacturers GXAM06 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
135
Upper Limit Temperature Protection
MICROTEMP
® thermal cutoffs from Therm-O-Disc offer an accurate, reliable solution to the need
for upper limit temperature protection. Known as a thermal fuse, thermal link, or TCO, the
MICROTEMP
® thermal cutoff provides protection against overheating by interrupting an electrical
circuit when operating temperatures exceed the rated temperature of the cutoff.
MICROTEMP
® Features:
•One-shot operation cuts off electrical power
•Current interrupt capacity up to 25 amps @ 250VAC
•Low resistance
•Compact size
Operating Principle of the MICROTEMP
® TCO
The active trigger mechanism of the thermal cutoff is an exclusively formulated, electrically
nonconductive pellet. Under normal operating temperatures, the solid pellet holds spring-loaded
contacts closed.
When a predetermined temperature is reached, the pellet melts, allowing the compression spring
to relax. The trip spring then slides the contact away from the lead and the circuit is opened (see
figures 1 and 2).
After a MICROTEMP
® thermal cutoff opens a circuit, the TCO needs to be replaced. This
replacement procedure must include correction of the fault condition before the product is
operated again.
MICROTEMP
® Thermal Cutoffs:
INTRODUCTION


Similar Part No. - GXAM06

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
GXAMW IVO-GXAMW Datasheet
686Kb / 4P
Absolute encoders - modular bus covers
GXAMW.0202PA2 IVO-GXAMW.0202PA2 Datasheet
686Kb / 4P
Absolute encoders - modular bus covers
GXAMW.0203P32 IVO-GXAMW.0203P32 Datasheet
686Kb / 4P
Absolute encoders - modular bus covers
GXAMW.0203PA2 IVO-GXAMW.0203PA2 Datasheet
686Kb / 4P
Absolute encoders - modular bus covers
GXAMW.0203V32 IVO-GXAMW.0203V32 Datasheet
686Kb / 4P
Absolute encoders - modular bus covers
More results

Similar Description - GXAM06

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22261 SAMSUNG-KA22261 Datasheet
83Kb / 5P
INTRODUCTION
KA567 SAMSUNG-KA567 Datasheet
179Kb / 6P
INTRODUCTION
KA8309B SAMSUNG-KA8309B Datasheet
319Kb / 15P
INTRODUCTION
logo
Thermtrol Corporation
DF240S THERMTROL-DF240S Datasheet
136Kb / 2P
DF SERIES 15 AMP THERMAL CUTOFFS
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
Thermal Cutoffs (TCO)
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
Thermal Cutoffs (TCO)/ Thermal-Links
EYP-2BN126 PANASONIC-EYP-2BN126 Datasheet
178Kb / 8P
Thermal Cutoffs (TCO)
logo
List of Unclassifed Man...
R141082000 ETC2-R141082000 Datasheet
40Kb / 1P
INTRODUCTION
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
MICROTEMP Thermal Cutoffs INTRODUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com