Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9789 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 5 Page - Diodes Incorporated

  AM9789 Datasheet HTML 1Page - Diodes Incorporated AM9789 Datasheet HTML 2Page - Diodes Incorporated AM9789 Datasheet HTML 3Page - Diodes Incorporated AM9789 Datasheet HTML 4Page - Diodes Incorporated AM9789 Datasheet HTML 5Page - Diodes Incorporated AM9789 Datasheet HTML 6Page - Diodes Incorporated AM9789 Datasheet HTML 7Page - Diodes Incorporated AM9789 Datasheet HTML 8Page - Diodes Incorporated AM9789 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
5
Absolute Maximum Ratings (TA=25°C, Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
10
V
Output Current
IOUT
1
A
Output Voltage
VOUT
10
V
HB Output Current
IHB
10
mA
FG Output Voltage
VFG
10
V
FG Output Sink Current
IFG
10
mA
Operation Temperature
TOP
-40 to 125
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Lead Temperature (Soldering 10s)
TLEAD
260
°C
Thermal
Resistance
(Junction
to
Ambient)
θ
JA
MSOP-8
205
°C/W
MSOP-10
195
DFN-3x3-8
71
DFN-3x3-10
71
Thermal Resistance (Junction to Case)
θ
JC
MSOP-8
48
°C/W
MSOP-10
46
DFN-3x3-8
48
DFN-3x3-10
48
Power Dissipation
PD
MSOP-8
585
mW
MSOP-10
585
DFN-3x3-8
1760
DFN-3x3-10
1760
ESD (Human Body Model)
4000
V
ESD (Machine Model)
400
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions (TA=25°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2
6
V
Hall Input Voltage Range
VHB
0.4
VCC -1.1
V
Operating Ambient Temperature
TA
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com