Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9789 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AM9789
Description  Single Phase Full-wave Motor Driver for Silent Fan Motor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9789 Datasheet(HTML) 1 Page - Diodes Incorporated

  AM9789 Datasheet HTML 1Page - Diodes Incorporated AM9789 Datasheet HTML 2Page - Diodes Incorporated AM9789 Datasheet HTML 3Page - Diodes Incorporated AM9789 Datasheet HTML 4Page - Diodes Incorporated AM9789 Datasheet HTML 5Page - Diodes Incorporated AM9789 Datasheet HTML 6Page - Diodes Incorporated AM9789 Datasheet HTML 7Page - Diodes Incorporated AM9789 Datasheet HTML 8Page - Diodes Incorporated AM9789 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
Single Phase Full-wave Motor Driver for Silent Fan Motor
AM9789
Oct. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AM9789 is a single-phase, full wave motor
driver suited for DC fan motor, and its speed is
controlled by PWM input signal. It is suitable for
both game machine and CPU cooler which need
silent drivers. It features lock protection, thermal
shutdown, PWM control, low noise and so on.
The AM9789 is available in MSOP-8, MSOP-10
DFN-3×3-8 and DFN-3×3-10 packages.
Features
•
BTL Output Single-phase Full-wave Linear
Driver
•
Silent Driver
•
Low Supply Current (Normal Operation,Less
than 4mA)
•
Low Standby Current (PWM=0 Duty) @
Supply Current Less than 200
µA
•
Speed Controllable by PWM Input Signal
•
Built-in Quick Start Function
•
Built-in Lock Protection and Auto Restart
Function
•
Built-in Hall Bias Circuit
•
Built-in FG Output
•
Built-in Thermal Shutdown Circuit
•
Built-in Over Current Protection Circuit
Applications
•
Silent Fan Motors
Figure 1. Package Types of AM9789
MSOP-8
MSOP-10
DFN-3×3-8
DFN-3×3-10


Similar Part No. - AM9789

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM9799 BCDSEMI-AM9799 Datasheet
539Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Diodes Incorporated
AM9799 DIODES-AM9799 Datasheet
368Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
logo
BCD Semiconductor Manuf...
AM9799MM-G1 BCDSEMI-AM9799MM-G1 Datasheet
539Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799MM-G1 BCDSEMI-AM9799MM-G1 Datasheet
368Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Diodes Incorporated
AM9799MM-G1 DIODES-AM9799MM-G1 Datasheet
368Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
More results

Similar Description - AM9789

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6908F ROHM-BA6908F_1 Datasheet
232Kb / 5P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Eutech Microelectronics...
EUM6179 EUTECH-EUM6179 Datasheet
260Kb / 11P
Single-Phase Full-Wave Motor Driver for Fan Motor
logo
Anpec Electronics Corop...
APX9267 ANPEC-APX9267 Datasheet
280Kb / 12P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9266 ANPEC-APX9266 Datasheet
291Kb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268 ANPEC-APX9268 Datasheet
245Kb / 13P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9258 ANPEC-APX9258 Datasheet
947Kb / 18P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9268A ANPEC-APX9268A Datasheet
1Mb / 14P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275 ANPEC-APX9275 Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9275A ANPEC-APX9275A Datasheet
245Kb / 16P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
APX9277 ANPEC-APX9277 Datasheet
214Kb / 15P
Single-Phase Full-Wave Motor Driver for Silent Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com