Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

orP240D2 Datasheet(PDF) 11 Page - Opto Electronics Co,. LTD

Part # orP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

orP240D2 Datasheet(HTML) 11 Page - Opto Electronics Co,. LTD

Back Button orP240D2 Datasheet HTML 7Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 8Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 9Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 10Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 11Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 12Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 13Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 14Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 15Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
11
DC Switching Series Specifications
Model DC60MP Basic Schematic (also applies to the other SSRs on this page)
NOTE: When controlling an inductive load, like a solenoid or coil, a commutating diode
must be used. Install the commutating diode across the terminals of the load (not the
SSR terminals). This will protect the SSR from damage caused by voltage spikes when
turning off the load.
DC60P
or DC60MP
DC200P or
DC200MP
DC60S-3
DC60S-5
Operating Voltage
Range
5–60 VDC
5–200 VDC
5–60 VDC
5–60 VDC
Forward Voltage Drop
1.5 volts
at 3 amps
1.5 volts
at 1 amp
1.5 volts
at 3 amps
1.5 volts
at 5 amps
Nominal Currrent Rating 3 amps
1 amp
3 amps
5 amps
Off-State Blocking
60 VDC
250 VDC
60 VDC
60 VDC
Signal Pickup Voltage
3 VDC
32 Volts*
allowed
3 VDC
32 Volts*
allowed
3 VDC
32 Volts
allowed
3 VDC
32 Volts
allowed
Signal Dropout Voltage
1 VDC
1 VDC
1 VDC
1 VDC
Signal Input Impedance
1,000 ohms
1,000 ohms
1,000 ohms
1,000 ohms
1 Second Surge
5 amps
2 amps
5 amps
10 amps
Operating Temp. Range
–40 °C to
100 °C
–40 °C to
100 °C
–40 °C to
100 °C
–40 °C to
100 °C
Isolation Voltage
4,000 VRMS
4,000 VRMS 4,000 VRMS 4,000 VRMS
Off-State Leakage
1 mA
maximum
1 mA
maximum
1 mA
maximum
1 mA
maximum
Package Type
P/MP series
P/MP series
Power
series
Power
series
Turn-on Time
100 usec
100 usec
100 usec
100 usec
Turn-off Time
750 usec
750 usec
750 usec
750 usec
Note: *MP series maximum allowed control signal is 24 VDC.
Thermal Ratings
Mounted on a heat sink with
2 °C/watt rating
*Control Current varies with control voltage. See “Control
Current Calculation” on page 17 for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com