Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

orP240D2 Datasheet(PDF) 5 Page - Opto Electronics Co,. LTD

Part # orP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

orP240D2 Datasheet(HTML) 5 Page - Opto Electronics Co,. LTD

  orP240D2 Datasheet HTML 1Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 2Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 3Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 4Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 5Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 6Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 7Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 8Page - Opto Electronics Co,. LTD orP240D2 Datasheet HTML 9Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
5
120/240/380 Volt (cont.)
Surge Current Data
Connection Diagram, AC Power Series
Thermal Ratings
Time
(Seconds)
Time*
(Cycles)
3-Amp
Peak
Amps
10-Amp
Peak
Amps
25-Amp
Peak
Amps
45-Amp
Peak
Amps
0.017
1
85
110
250
650
0.050
3
66
85
175
420
0.100
6
53
70
140
320
0.200
12
45
60
112
245
0.500
30
37
50
80
175
1
60
31
40
67
134
2
120
28
33
53
119
3
180
27
32
49
98
4
240
26
31
47
95
5
300
25
30
45
91
10
600
24
28
42
84
Note: *60 HZ.
Mounted on a heat sink with
2 °C/watt rating
Mounted on a heat sink with
1 °C/watt rating
Side view: Part numbers
DC60S3, 120D3, and
240D3 only
Side view: All other
part numbers
+
3-32VDC Control
Dimensional Drawings
NOTE: All dimensions are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com