Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFH Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NFH
Description  Surface Mount Multilayer Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFH Datasheet(HTML) 2 Page - NIC-Components Corp.

  NFH Datasheet HTML 1Page - NIC-Components Corp. NFH Datasheet HTML 2Page - NIC-Components Corp. NFH Datasheet HTML 3Page - NIC-Components Corp. NFH Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NFH0603 SERIES
0603 CASE SIZE
Surface Mount Multilayer Inductor
NFH Series
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.
NFP0805 SERIES
0805 CASE SIZE
Part Number
Inductance
(
μH)
Tolerance
Test
Frequency
(MHz)
SRF min.
(MHz)
DCR
(
Ω)
DC Current
(mA)
NFH0603_R10TR070F
0.1
±20% (M), ±30% (N)
1
240
0.14 ± 30%
700
NFH0603_R22TR055F
0.22
±20% (M), ±30% (N)
1
150
0.27 ± 30%
550
NFH0603_R47TR040F
0.47
±20% (M), ±30% (N)
1
105
0.42 ± 30%
400
NFH0603_1R0TR019F
1.0
±20% (M), ±30% (N)
1
75
0.20 ± 30%
190
NFH0603_2R2TR014F
2.2
±20% (M), ±30% (N)
1
50
0.40 ± 30%
140
NFH0603_4R7TR010F
4.7
±20% (M), ±30% (N)
1
35
0.60 ± 30%
100
NFH0603_100TR005F
10
±20% (M), ±30% (N)
1
20
0.90 ± 30%
50
Part Number
Inductance
(
μH)
Tolerance
Test
Frequency
(MHz)
SRF min.
(MHz)
DCR
(
Ω)
DC Current
(mA)
NFH0805_R10TR100F
0.1
±20% (M), ±30% (N)
1
235
0.07 ± 30%
1000
NFH0805_R22TR080F
0.22
±20% (M), ±30% (N)
1
170
0.13 ± 30%
800
NFH0805_R47TR055F
0.47
±20% (M), ±30% (N)
1
125
0.18 ± 30%
550
NFH0805_1R0TR030F
1.0
±20% (M), ±30% (N)
1
75
0.20 ± 30%
300
NFH0805_2R2TR022F
2.2
±20% (M), ±30% (N)
1
50
0.28 ± 30%
220
NFH0805_4R7TR018F
4.7
±20% (M), ±30% (N)
1
25
0.30 ± 30%
180
NFH0805_100TR006F*
10
±20% (M), ±30% (N)
1
15
0.50 ± 30%
60
NFH0805_100TR010F*
10
±20% (M), ±30% (N)
1
20
0.50 ± 30%
100
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.
*Thickness dimension for these part number is 1.25mm ± 0.2mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com