Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFH Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NFH
Description  Surface Mount Multilayer Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFH Datasheet(HTML) 4 Page - NIC-Components Corp.

  NFH Datasheet HTML 1Page - NIC-Components Corp. NFH Datasheet HTML 2Page - NIC-Components Corp. NFH Datasheet HTML 3Page - NIC-Components Corp. NFH Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
TAPE AND REEL DIMENSIONS (mm)
TYPE
A
B
Reel Qty
NFH0603
1.00
1.80
4,000
NFH0805 (0.85mm thickness)
1.50
2.30
4,000
NFH0805 (1.25mm thickness)
1.50
2.30
3,000
TAPE AND REEL PACKAGING (mm)
4.0 ±0.1
Sprocket Hole 1.5 +0.1/-0
1.1 Max.
A
4.0 ± 0.1
Surface Mount Multilayer Inductor
NFH Series
REFLOW SOLDERING PROFILE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com