Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX102207 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX102207
Description  Tamper-resistant key design ??prevents intruder access
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102207 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX102207 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102207 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102207 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIBERExpress
2
DATASheet
1-800-BELDEN-1
•
www.belden.com
Secure/Keyed LC Optimax
Applications
> Secure networks in government agencies
and military facilities
> Data Centers treating sensitive and
classified information
> Indoor termination of fiber cables
> Patch panels/Distribution frames
> Communication outlets, Fiber-to-
the-desk
> Direct termination to equipment
> Fiber cable repair
> Campus
> Customer premise/Access network.
Cable Color Code
Connector Types
Color of connector
LC Key1 (0°)
Red
LC Key2 (240°)
Green
LC Key3 (120°)
Yellow
LC Key4 (300°)
Black
LC Key5 (60°)
Orange
LC Key6 (180°)
Blue
Technical Specifications
> Field Assembly Time: 1 minute for
900 µm, 3 minutes for jacketed fiber
> Insertion Loss (Multimode): 0.3 dB (typical)
> Durability:
Multimode: Less than 0.2 dB change,
500 cycles.
> Nominal Fiber O.D.: 125 µm
> Storage Temperature: -40° to 65°C
(-40° to 149°F)
> Operating Temperature: 0° to 60°C
(32° to 140°F)
> Tensile Load:
On jacketed fiber: 50 N
(5.1 Kg/11.2 lbs)
On 900 micron tight buffered fiber:
6.7 N (0.68 Kg/1.5 lbs).
> Ferrule: Ceramic
> Reflectance:
Multimode: -30 dB (typical).
Note: All related performance specifications meet
or exceed TIA/EIA-568-B.3 requirements.
Installation Tips
> Cleaving the fiber:
Optimax works like a mechanical splice
and is sensitive to the quality of
the fiber cleave
A light touch is all you need to score the
fiber and consequently cleave it
Always inspect the cleave with the
microscope: stripping and cleaving
should be redone if the fiber end is
chipped, crushed or at an angle
Make sure that the length of the bare
fiber is between 7.0 and 7.5 mm
(0.27 and 0.3 in.). Verify your measurement
using the installation card.
> Pen mark: Always make a pen mark on
the fiber buffer before cleaving
> Crimping the fiber: This step is necessary
to provide the mechanical strength
between the fiber and the connector
> Installation on jacketed fiber: If the
termination of a breakout cable or dual
zip cord is contained in an enclosure,
follow instructions for terminating on
900 µm, it is sufficient, easier and quicker
than installation on jacketed fiber
> Safety tips:
Always wear safety glasses
Dispose waste fiber properly in the waste
bottle.
> Testing procedure: Use the proper test
method such as the one recommended
by ANSI/TIA/EIA-568-B, TIA TSB-140 or
Belden IBDN acceptance testing notes.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com