Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX102207 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX102207
Description  Tamper-resistant key design ??prevents intruder access
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102207 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX102207 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102207 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102207 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FIBERExpress
1
DATASheet
1-800-BELDEN-1
•
www.belden.com
Secure/Keyed LC Optimax
The Secure/Keyed LC Optimax field installable
connectors, are part of the Belden IBDN
FiberExpress Secure/Keyed LC System.
The FiberExpress Secure/Keyed LC System allows
for physical segregation of networks segments
in secure fiber cabling infrastructure. The various
components offered in this system allow network
managers to design and build very efficiently a
secure network with restricted access to sensitive
information to specific users only.
The Secure/Keyed LC Optimax are available
with 6 different keying options each carrying
a different color to facilitate network adminis-
tration. The keying detail inside the connector
is totally tamper-resistant and cannot be
re-produced inside a standard LC connector
to violate the network security. All other
physical requirements comply with the FOCIS
10 standard and optical performance exceeds
all industry standards for SFF connectors.
The connectors are available in multimode 50 µm
laser-optimized and 62.5 µm fiber versions.
About the Optimax: the Optimax Connectors
are reliable field installable optical fiber
connectors that are easy to install. They do not
require epoxy, curing or polishing. Their unique
design incorporates a factory polished fiber
stub in a splice mechanism which provides a
fast, secure, and reliable termination on optical
fiber cables. All critical steps are performed in
the factory, ensuring a superior-quality
connection every time. Only simple tools are
required for installation, making Optimax a
cost effective field termination.
The Optimax Optical Fiber Field Installable
Connectors are high-quality connectors that
use a ceramic ferrule with a physical contact
(PC) polish for Multimode connectors.
Features & Benefits
> 6 physically discreet, color-coded keying
options — provide design flexibility and
facilitate network administration
> Tamper-resistant key design — prevents
intruder access
> Uses the same inexpensive tool kit as for
regular Optimax LC installation — facilitating
logistics and material ordering
> All Optimax Multimode 50 µm connectors
contain a Laser-Optimized fiber stub
(FX2000 fiber) and are also backward
compatible with the FX600 series 50 µm
fiber types
> No polishing required — saves installation
time and the cost of polishing paper
> No epoxy required — saves installation time,
no oven required, safe to use, no power
required, saves cost of epoxy
> Pre-radiused PC ceramic ferrule — ensures
contact with optical fibers, improves
durability, provides high performance
> Unlimited shelf life — unlike epoxy products
which have a tendency to dry out if left on
the shelf too long
> Easy connection to learn — Optimax training
video on CD offers efficient and consistent
training for field services personnel.
AX102197 Secure/Keyed LC Optimax
Secure/Keyed LC Optimax – components


Similar Part No. - AX102207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102242 ETC2-AX102242 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102242 ETC2-AX102242 Datasheet
174Kb / 2P
Keystone Multimedia Modules
AX102243 ETC2-AX102243 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102243 ETC2-AX102243 Datasheet
174Kb / 2P
Keystone Multimedia Modules
AX102244 ETC2-AX102244 Datasheet
177Kb / 3P
Keystone Multimedia Modules
More results

Similar Description - AX102207

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
546-8000 SYSTEMSENSOR-546-8000 Datasheet
130Kb / 2P
Cover Tamper Switch
logo
United Chemi-Con, Inc.
EKLG201E CHEMI-CON-EKLG201E Datasheet
403Kb / 2P
Overvoltage resistant design, 105?
EKLG401E CHEMI-CON-EKLG401E Datasheet
403Kb / 2P
Overvoltage resistant design, 105?
ELXH201VSN CHEMI-CON-ELXH201VSN Datasheet
398Kb / 2P
Long life, Overvoltage resistant design, 105?
ELXH401VSN CHEMI-CON-ELXH401VSN Datasheet
398Kb / 2P
Long life, Overvoltage resistant design, 105?
logo
Qualtek Electronics Cor...
739W-X2-45 QUALTEK-739W-X2-45 Datasheet
417Kb / 1P
TAMPER RESISTANT AC RECEPTACLE
739W-X2-45-WH1 QUALTEK-739W-X2-45-WH1 Datasheet
418Kb / 1P
TAMPER RESISTANT AC RECEPTACLE
logo
List of Unclassifed Man...
SHM ETC1-SHM Datasheet
2Mb / 2P
EXTERNAL ??TAMPER PROOF
logo
WAGO Kontakttechnik Gmb...
750-424 WAGO-750-424 Datasheet
478Kb / 12P
2-channel digital input; Intruder detection
logo
Linx Technologies
ANT-2.4-WRT-MON LINX-ANT-2.4-WRT-MON Datasheet
462Kb / 2P
Tamper resistant
2/16/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com