Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPI-C Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPI-C
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI-C Datasheet(HTML) 6 Page - NIC-Components Corp.

  NPI-C Datasheet HTML 1Page - NIC-Components Corp. NPI-C Datasheet HTML 2Page - NIC-Components Corp. NPI-C Datasheet HTML 3Page - NIC-Components Corp. NPI-C Datasheet HTML 4Page - NIC-Components Corp. NPI-C Datasheet HTML 5Page - NIC-Components Corp. NPI-C Datasheet HTML 6Page - NIC-Components Corp. NPI-C Datasheet HTML 7Page - NIC-Components Corp. NPI-C Datasheet HTML 8Page - NIC-Components Corp. NPI-C Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
59
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Part Number
STANDARD VALUES - CASE SIZE 75 (7.8 x 7.0 x 5.0mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI75C100MTRF
10 ± 20%
0.07
2.3
1KHz*
NPI75C120MTRF
12 ± 20%
0.08
2.0
NPI75C150MTRF
15 ± 20%
0.09
1.8
NPI75C180MTRF
18 ± 20%
0.10
1.6
NPI75C220MTRF
22 ± 20%
0.11
1.5
NPI75C270MTRF
27 ± 20%
0.12
1.3
NPI75C330MTRF
33 ± 20%
0.13
1.2
NPI75C390MTRF
39 ± 20%
0.16
1.1
NPI75C470KTRF
47 ± 10%
0.18
1.1
NPI75C560KTRF
56 ± 10%
0.24
0.94
NPI75C680KTRF
68 ± 10%
0.28
0.85
NPI75C820KTRF
82 ± 10%
0.37
0.78
NPI75C101KTRF
100 ± 10%
0.43
0.72
1KHz
NPI75C121KTRF
120 ± 10%
0.47
0.66
NPI75C151KTRF
150 ± 10%
0.64
0.58
NPI75C181KTRF
180 ± 10%
0.71
0.51
NPI75C221KTRF
220 ± 10%
0.96
0.49
NPI75C271KTRF
270 ± 10%
1.11
0.42
NPI75C331KTRF
330 ± 10%
1.26
0.40
NPI75C391KTRF
390 ± 10%
1.77
0.36
NPI75C471KTRF
470 ± 10%
1.96
0.34
NPI Power Inductors
NPI__C Series
Part Number
STANDARD VALUES - CASE SIZE 73 (7.8 x 7.0 x 3.5mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI73C100MTRF
10 ± 20%
0.0803
1.44
1KHz*
NPI73C120MTRF
12 ± 20%
0.0897
1.39
NPI73C150MTRF
15 ± 20%
0.104
1.24
NPI73C180MTRF
18 ± 20%
0.111
1.12
NPI73C220MTRF
22 ± 20%
0.129
1.07
NPI73C270MTRF
27 ± 20%
0.153
0.97
NPI73C330MTRF
33 ± 20%
0.170
0.85
NPI73C390MTRF
39 ± 20%
0.217
0.74
NPI73C470MTRF
47 ± 20%
0.252
0.68
NPI73C560KTRF
56 ± 10%
0.282
0.64
NPI73C680KTRF
68 ± 10%
0.332
0.59
NPI73C820KTRF
82 ± 10%
0.406
0.54
NPI73C101KTRF
100 ± 10%
0.481
0.51
1KHz
NPI73C121KTRF
120 ± 10%
0.536
0.49
NPI73C151KTRF
150 ± 10%
0.755
0.40
NPI73C181KTRF
180 ± 10%
1.022
0.36
NPI73C221KTRF
220 ± 10%
1.200
0.31
NPI73C271KTRF
270 ± 10%
1.306
0.29
NPI73C331KTRF
330 ± 10%
1.495
0.28
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com