Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPI-C Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPI-C
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI-C Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPI-C Datasheet HTML 1Page - NIC-Components Corp. NPI-C Datasheet HTML 2Page - NIC-Components Corp. NPI-C Datasheet HTML 3Page - NIC-Components Corp. NPI-C Datasheet HTML 4Page - NIC-Components Corp. NPI-C Datasheet HTML 5Page - NIC-Components Corp. NPI-C Datasheet HTML 6Page - NIC-Components Corp. NPI-C Datasheet HTML 7Page - NIC-Components Corp. NPI-C Datasheet HTML 8Page - NIC-Components Corp. NPI-C Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
54
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__C Series
Series
A
B
C
G (Ref)
H (Ref)
I (Ref)
NPI32C
3.50 ± 0.3
3.00 ± 0.3
2.10 ± 0.3
1.1
3.3
1.30
NPI43C
4.50 ± 0.3
4.00 ± 0.3
3.20 ± 0.3
1.5
4.5
1.75
NPI52C
5.80 ± 0.3
5.20 ± 0.3
2.00 ± 0.3
1.7
5.5
2.15
NPI54C
5.80 ± 0.3
5.20 ± 0.3
4.50 ± 0.3
1.7
5.5
2.15
NPI73C
7.80 ± 0.3
7.00 ± 0.3
3.50 ± 0.5
2.0
7.5
3.0
NPI75C
7.80 ± 0.3
7.00 ± 0.3
5.00 ± 0.5
2.0
7.5
3.0
NPI104C
10.0 ± 0.3
9.00 ± 0.3
4.00 ± 0.5
2.5
9.5
3.75
NPI105C
10.0 ± 0.4
9.00 ± 0.4
5.40 ± 0.4
2.5
9.5
3.75
A
B
150
G
I
H
I
REFLOW SOLDERING
LAND PATTERN
DIMENSIONS (mm)
FEATURES
• HIGH CURRENT, SMALL SIZE (UP TO 4 AMPS)
• SURFACE MOUNTABLE CONSTRUCTION
• HIGH INDUCTANCE (UP TO 820µH)
• TAPED AND REELED FOR AUTOMATIC INSERTION
• FOR USE IN DC/DC CONVERTERS, DC/AC INVERTERS
• Pb-FREE COMPATIBLE
CHARACTERISTICS
Case Size
NPI32C
NPI43C
NPI52C
NPI54C
NPI73C
NPI75C
NPI104C
NPI105C
Inductance Range
1 ~ 470µH
1 ~ 680µH
1 ~ 560µH
1 ~ 680µH
10 ~ 330µH 10 ~ 470µH 10 ~ 560µH 10 ~ 820µH
Inductance Tolerance
10% (K), 20% (M)
Ambient Operating
Temperature Range
-40°C ~ +85°C*
Maximum Component
Temperature
(Ambient + Self-Heating)
+125°C*
Inductance Change at Isat
-30% max.
Temperature Raise at Irms
+40°C max.
Resistance to Solder Heat
260°C for 10 seconds
C
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
NPI 43 C 4R7 M TR F
RoHS Compliant
Packaging: TR = Tape & Reel
Inductance Tolerance Code: M=±20%
Inductance Code (µH): 1st two digits are significant,
3rd digit is multiplier for values from 10µH and up.
Construction Code (see drawing for details)
Size Code (see table for details)
Series
PART NUMBER SYSTEM
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Termination Plating
Sn 96.5% - Ag 3.0% - Cu 0.5%
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]


Similar Part No. - NPI-C

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
Level sensing
NPI-12-101GH AMPHENOL-NPI-12-101GH Datasheet
70Kb / 4P
Level sensing
NPI-15 AMPHENOL-NPI-15 Datasheet
116Kb / 4P
Solid state, high reliability
NPI-15A-1K-A-V AMPHENOL-NPI-15A-1K-A-V Datasheet
120Kb / 4P
Solid state, high reliability
NPI-15A-1K-S-V AMPHENOL-NPI-15A-1K-S-V Datasheet
120Kb / 4P
Solid state, high reliability
More results

Similar Description - NPI-C

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
logo
NIC-Components Corp.
NPI-L NIC-NPI-L Datasheet
186Kb / 3P
NPI Power Inductors
NPI-LS NIC-NPI-LS Datasheet
121Kb / 11P
NPI Unshielded Power Inductors
NPI-P NIC-NPI-P Datasheet
183Kb / 4P
NPI Power Inductors
NPI-W NIC-NPI-W Datasheet
92Kb / 4P
NPI Power Inductors
NPI_LS NIC-NPI_LS Datasheet
116Kb / 11P
NPI Unshielded Power Inductors
NPI_P NIC-NPI_P Datasheet
184Kb / 4P
NPI Power Inductors
NPI_W NIC-NPI_W Datasheet
190Kb / 5P
NPI Power Inductors
NPI_C NIC-NPI_C Datasheet
301Kb / 9P
NPI Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com