Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3115IJT Datasheet(PDF) 9 Page - STMicroelectronics

Part # STC3115IJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115IJT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STC3115IJT Datasheet HTML 5Page - STMicroelectronics STC3115IJT Datasheet HTML 6Page - STMicroelectronics STC3115IJT Datasheet HTML 7Page - STMicroelectronics STC3115IJT Datasheet HTML 8Page - STMicroelectronics STC3115IJT Datasheet HTML 9Page - STMicroelectronics STC3115IJT Datasheet HTML 10Page - STMicroelectronics STC3115IJT Datasheet HTML 11Page - STMicroelectronics STC3115IJT Datasheet HTML 12Page - STMicroelectronics STC3115IJT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
DocID023755 Rev 4
9/31
STC3115
Application information
31
5
Application information
Figure 3. Example of an application schematic using the STC3115 in mixed mode
Figure 4. Example of an application schematic using the STC3115 without current
sensing
Table 6. External component list
Name
Value
Tolerance
Comments
Rcg
5 to 50 mΩ
1% to 5% Current sense resistor (2% or better recommended)
C1
1 µF
Supply decoupling capacitor
C2
220 nF
Battery voltage input filter (optional)
R1
1 kΩ
Battery voltage input filter (optional)
R2
1 kΩ
Battery detection function
IO voltage
Optional filter
GND
Battery pack
Other
detection
circuit
Rcg
Rid
C1
R1
STC3115
R2
SCL
SDA
ALM
RSTIO/BATD
VCC
VIN
BATD/CD
CG
C2
IO voltage
Optional filter
GND
Battery pack
Other
detection
circuit
Rid
C1
R1
STC3115
R2
C2
SCL
SDA
ALM
RSTIO/BATD
VCC
VIN
BATD/CD
CG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com