Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3115IJT Datasheet(PDF) 29 Page - STMicroelectronics

Part # STC3115IJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115IJT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STC3115IJT Datasheet HTML 23Page - STMicroelectronics STC3115IJT Datasheet HTML 24Page - STMicroelectronics STC3115IJT Datasheet HTML 25Page - STMicroelectronics STC3115IJT Datasheet HTML 26Page - STMicroelectronics STC3115IJT Datasheet HTML 27Page - STMicroelectronics STC3115IJT Datasheet HTML 28Page - STMicroelectronics STC3115IJT Datasheet HTML 29Page - STMicroelectronics STC3115IJT Datasheet HTML 30Page - STMicroelectronics STC3115IJT Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
DocID023755 Rev 4
29/31
STC3115
Ordering information
31
9
Ordering information
Table 16. Order code
Order code
Temperature range
Package
Packing
Marking
STC3115IJT(1)
1. 4.35 V battery option
-40 °C to +85 °C
CSP-12
Tape and reel
O22
STC3115AIJT(2)
2. 4.20 V battery option
O23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com