Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN2AM832 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMN2AM832
Description  DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2AM832 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMN2AM832 Datasheet HTML 1Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 2Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 3Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 4Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 5Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 6Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXMN2AM832
ISSUE 3 - JANUARY 2005
6
SEMICO NDUC TORS
0.1
1
10
0
200
400
C
RSS
C
OSS
C
ISS
V
GS
=0V
f= 1MHz
V
DS -Drain -Source Voltage (V)
012
34
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
D
=4A
V
DS
= 10V
Gate-SourceVoltagevGateCharge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
TYPICAL CHARACTERISTICS
Not Recommended for New Design
Please Use ZXMN2AMCTA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com