Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMN2AM832 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN2AM832
Description  DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2AM832 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN2AM832 Datasheet HTML 1Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 2Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 3Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 4Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 5Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 6Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SUMMARY
V(BR)DSS = 20V; RDS(ON) = 0.12 ;ID= 3A
DESCRIPTION
Packaged in the new innovative 3mm x 2mm MLP(Micro Leaded Package)
outline this dual 20V N channel Trench MOSFET utilizes a unique structure
combining the benefits of Low on-resistance with fast switching speed. This
makes them ideal for high efficiency, low voltage power management
applications. Users will also gain several other key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
PCB area and device placement savings
Reduced component count
FEATURES
• Low On - Resistance
• Fast switching speed
• Low threshold
• Low gate drive
• 3mm x 2mm MLP
APPLICATIONS
• DC-DC Converters
• Power Management Functions
• Disconnection switches
• Motor Control
DEVICE MARKING
DNA
ZXMN2AM832
ISSUE 3 - JANUARY 2005
SEMICO NDUC TORS
1
MPPS™ Miniature Package Power Solutions
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXMN2AM832TA
7’‘
8mm
3000 units
ZXMN2AM832TC
13’‘
8mm
10000 units
ORDERING INFORMATION
3x2mm Dual Die MLP
7
3mm x 2mm Dual MLP
underside view
PINOUT
Not Recommended for New Design
Please Use ZXMN2AMCTA


Similar Part No. - ZXMN2AM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832TA ZETEX-ZXMN2AM832TA Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832TC ZETEX-ZXMN2AM832TC Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2AM832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
20V Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMD63N02X DIODES-ZXMD63N02X Datasheet
162Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A04DN8 DIODES-ZXMN2A04DN8 Datasheet
185Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2004
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN2029USD DIODES-DMN2029USD_15 Datasheet
264Kb / 6P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com