Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZQFN28 Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  NZQFN28 Datasheet HTML 1Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 2Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 3Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 4Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 5Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 5/20
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.5...5.5 V, Tj = -20...85 °C; x: L, M, H, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage
3.5
5.5
V
002
Ioff(VDD)
Supply Current in VDD
EN = lo
460
600
µA
003
Idc(VDD)
Supply Current in VDD
EN = hi, RSI > 780 Ω
6.4
10
mA
004
Tab
Thermal Shutdown Threshold
110
150
°C
005
VDDen
Power-On Threshold
2.1
2.95
V
006
Vc()hi
Clamp Voltage hi at REGEN,
LENH, LENM, LENL, EN,
ENCAL, LDA, NERR, NSF
I() = 1 mA, other pins open, VDD = 0
0.3
1.5
V
007
Vc()hi
Clamp Voltage hi at CIx, MDL,
RMDH, RMDM SMD
I() = 1 mA, other pins open, VDD = 0
0.3
1.6
V
008
Vc()hi
Clamp Voltage hi at LDKx
I() = 1 mA, other pins open
12
V
009
Vc()hi
Clamp Voltage hi at RSI, VREF
I() = 1 mA, other pins open, VDD = 0
0.3
0.9
1.5
V
010
Vc()hi
Clamp Voltage hi at SDIS
I() = 1 mA, other pins open
6
V
011
Vc()lo
Clamp Voltage lo
I() = 1 mA, other pins open
-1.5
-0.65
-0.3
V
Reference
101
V(MDL)
Voltage at MDL,
VDD − V(MDL) for P-type LD
closed control loop
440
500
550
mV
102
dV(MDL)
Temperature Drift of Voltage at
MDL
closed control loop
120
µV/°C
103
I()
Current in MDL, RMDM, RMDH
LENL, LENM, LENH = hi
-500
500
nA
104
V(VREF)
Voltage at VREF,
VDD − VREF for P-type LD
iC active
405
480
550
mV
Digital Inputs
201
Ipd()
Pull-Down Current in LENx, EN
V(LDA) = V(VDD)
1
4
10
µA
202
Ipd
(REGEN)
Pull-Down Current in REGEN
V(LDA) = V(VDD), V(ENCAL) < Vt()
1
4
10
µA
203
Vt()
Threshold Voltage at LENx,
REGEN, ENCAL, EN
VDD = 5 V
0.75
1.8
2.2
V
204
Vhys()
Hysteresis
800
mV
205
Rpd
(REGEN)
Pull-Down Resistor at REGEN
V(ENCAL) > Vt()
4
20
kΩ
206
Rpd
(ENCAL)
Pull-Down Resistor at ENCAL
10
30
kΩ
Safety Monitor Diode
301
VSL
Monitor Threshold lo,
Signal SMD(0)
265
300
325
mV
302
VSH
Monitor Threshold hi,
Signal SMD(1)
615
680
750
mV
303
dVS
VSH − VSL
350
390
430
mV
304
VCHK
Test Voltage for SMD
120
%VSH
305
I(RSMD)
Permissible
Safety Monitor Diode Current
5
mA
306
Ipd(SMD)
Pull-Down-Current in SMD
0.2
0.6
3
µA
Laser Driver LDKx, CI, RMDx
401
Vs(LDKx)
Saturation Voltage at LDKx
one channel only is activated;
I(LDK) = 100 mA
1.2
2
V
I(LDK) = 60 mA
0.8
1.3
V
402
Idc(LDKL)
Permissible Current
DC
120
mA
403
Idc(LDKM) Permissible Current
DC
100
mA
404
Idc(LDKH) Permissible Current
DC
100
mA
405
Vo()
Permissible Voltage at LDKx
12
V
406
VCI()
REGOK Monitor Threshold
100
760
900
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com