Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZQFN28 Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # NZQFN28
Description  FAIL-SAFE LASER DIODE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

NZQFN28 Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

Back Button NZQFN28 Datasheet HTML 2Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 3Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 4Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 5Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 6Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 7Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 8Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 9Page - Roithner LaserTechnik GmbH NZQFN28 Datasheet HTML 10Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
iC-NZ
FAIL-SAFE LASER DIODE DRIVER
Rev B2, Page 6/20
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.5...5.5 V, Tj = -20...85 °C; x: L, M, H, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
407
C(CIx)
Capacitance at CIx
100
nF
408
|I(CIx)|
Charge Current from CIx
iC active, control unit not yet settled
0.25
0.6
1
mA
409
I(CIx)
Discharge Current in CIx
iC inactive, V(CIx) > 1 V
10
60
mA
410
Ipd(CIx)
Pull-Down Current in CIx
iC active, REGEN = lo
25
150
nA
411
I(RMDx)
Permissible
Laser Monitor Diode Current
active safety function;
VDD = 5 V
2.5
mA
VDD = 3.3 V
1
mA
Status Outputs
501
I(NERR)
Current at Error Message
V(LDA) = V(VDD) = V(NERR), error state
1.5
10
mA
502
I(NERR)
Current in NERR
V(LDA) = V(VDD) = V(NERR),
no error state, V(MDL) < 0.5 V
0.1
1
mA
503
I(NSF)
Current at NSF Message
V(LDA) = V(VDD) = V(NSF), V(NSF) > 0.8 V
1.5
10
mA
504
I(SDIS)
Current at SDIS Message
V(LDA) = V(VDD) = V(SDIS), V(SDIS) > 0.8 V
1.0
10
mA
505
Vsat()
Saturation Voltage at NERR,
NSF, SDIS
Isat = 1 mA, NERR in error state
600
mV
Current Monitor RSI, LDA
601
V(RSI)
Controlled Voltage at RSI
EN = hi
430
490
560
mV
602
RSI
Resistor at RSI
0.78
9
kΩ
603
VLDA
LDAOK Monitor Threshold
VDD – V(LDA)
440
490
550
mV
604
Idc(LDA)
Current from LDA
DC
320
mA
605
Rpd(LDA)
Pull-Down Resistor at LDA
Reset
1
kΩ
606
td(SDIS)
Overcurrent Shutdown Delay
I(LDA) > I(RSI) * 500
10
µs
607
rILDA
Current Ratio I(LDA)max / I(RSI)
780 Ω < RSI < 9000 Ω
400
500
650
608
Ipd(RSI)
Pull-Down Current in RSI
V(RSI) > 0.5 V
1
10
µA
Timing
701
ten
Propagation Time: EN lo → hi
system enable
no error at self test, CLDA = 1 µF
300
µs
702
tr
Laser Current Rise Time
see Fig. 2
1.5
ns
703
tf
Laser Current Fall Time
see Fig. 2
1.5
ns
704
tplh
Propagation Time:
LENx lo → hi to Current lo → hi
see Fig. 3
10
ns
705
tphl
Propagation Time:
LENx hi → lo to Current hi → lo
see Fig. 3
10
ns
706
ts0
Propagation Time:
V(SMD) > VSL to SMD(0) lo → hi
see Fig. 4
Tj = 27 °C
220
ns
Tj = 85 °C
240
ns
707
ts0off
Propagation Time:
V(SMD) < VSL to SMD(0) hi → lo
220
ns
708
ts1
Propagation Time:
V(SMD) > VSH to SMD(1) lo → hi
see Fig. 4
220
ns
709
toff
Propagation Time:
SMD(1) lo → hi until shutdown
see Fig. 4
10
ns
710
td
Propagation Time:
SMD(1) lo → hi until error
message
see Fig. 4
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com