Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NTP
Description  Surface Mount Polymer-Tantalum Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTP Datasheet(HTML) 5 Page - NIC-Components Corp.

  NTP Datasheet HTML 1Page - NIC-Components Corp. NTP Datasheet HTML 2Page - NIC-Components Corp. NTP Datasheet HTML 3Page - NIC-Components Corp. NTP Datasheet HTML 4Page - NIC-Components Corp. NTP Datasheet HTML 5Page - NIC-Components Corp. NTP Datasheet HTML 6Page - NIC-Components Corp. NTP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Polymer-Tantalum Capacitor
NTP Series
CASE DIMENSIONS (mm)
“B2, B” Case Size
W
1
H
L
W
2
T
T
"A” Case Size
W
1
H
L
W
2
T
T
RIPPLE CURRENT TEMPERATURE DERATING
20°C
85°C
105°C
1.0
0.9
0.6
Case Size EIA Code
L
HW
1
W
2
T
A
3216
3.2 ± 0.2 1.6 ± 0.2
1.6 ± 0.2
1.2 ± 0.1
0.8 ± 0.3
B2
3528L
3.5 ± 0.2 1.1 ± 0.1
2.8 ± 0.2
2.2 ± 0.1
0.8 ± 0.3
B
3528
3.5 ± 0.2 1.9 ± 0.2
2.8 ± 0.2
2.2 ± 0.1
0.8 ± 0.3
C
6032
6.0 ± 0.3 2.5 ± 0.3 3.2 ± 0.3 2.2 ± 0.1
1.3 ± 0.3
V
7343
7.3 ± 0.3 1.9 ± 0.1
4.3 ± 0.3
2.4 ± 0.1
1.3 ± 0.3
D
7343
7.3 ± 0.3 2.8 ± 0.3
4.3 ± 0.3
2.4 ± 0.1
1.3 ± 0.3
Anode (+)
Identifier
Value Marking/Production Code
(Format varies, see marking guide)
Anode (+)
Identifier
Black Body
Gold Body
H
L
W
2
W
1
T
T
“C, V, D” Case Size
NIC Part Number
Capacitance
Value (
μF)
Working Voltage
(Vdc)
Dissipation Factor
@ +20°C/120Hz
ESR (m
Ω)
@+20°C/100KHz
Ripple Current Rating (mA)
@ +20°C/100KHz
NTP476M16TRD(70)F
47
16
0.10
70
1464
NTP686M16TRV(50)F
68
0.10
50
1581
NTP686M16TRD(55)F
68
0.10
55
1651
NTP686M16TRD(50)F
68
0.10
50
2100
NTP226M20TRV(90)F
22
20
0.10
90
1179
NTP685M25TRB(100)F
6.8
25
0.08
100
922
NTP156M25TRV(90)F
15
0.10
90
1179
MAX. ESR (m
Ω) @ 20°C/100KHz AND RIPPLE CURRENT (mArms) @20°C/100KHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com