Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NTP
Description  Surface Mount Polymer-Tantalum Capacitor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTP Datasheet(HTML) 6 Page - NIC-Components Corp.

  NTP Datasheet HTML 1Page - NIC-Components Corp. NTP Datasheet HTML 2Page - NIC-Components Corp. NTP Datasheet HTML 3Page - NIC-Components Corp. NTP Datasheet HTML 4Page - NIC-Components Corp. NTP Datasheet HTML 5Page - NIC-Components Corp. NTP Datasheet HTML 6Page - NIC-Components Corp. NTP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
TAPE SPECIFICATIONS (mm)
P
2
A
F
K
W
B
D
P
1
t
Cover tape
E
P
0
Case
Size
A
±0.2
B
±0.2
D
±0.1
E
±0.1
F
±0.1
P
0
±0.05
P
1
±0.1
P
2
±0.1
K
±0.2
t
max.
W
±0.3
Reel Qty
180mm Reel (Std.) 330mm Reel (Opt.)
A
1.9
3.5
φ1.5
1.75
3.5
2.0
4.0
4.0
1.9
0.2
8.0
2000
9,000
B2
3.2
3.8
1.4
3000
10,000
B
3.3
2.1
2000
5,000
C
3.7
6.4
5.5
3.0
0.3
12.0
500
2,500
V
4.8
7.7
2.1
0.4
1000
3,000
D
4.8
7.7
3.3
0.3
500
2,500
Surface Mount Polymer-Tantalum Capacitor
NTP Series
COMPONENT MARKING
“C , V & D” Case Size
K J W6
N E K
A A7
“B2, B” Case Size
"A” Case Size
106
10
030
227
6.3
030
Capacitance Code
Voltage Code
Production Code
Polarity Band
Capacitance Code
Voltage Code
Polarity Band
Production Code
Series Identifier
Capacitance Code
Voltage Code
Production Code
Polarity Band
Capacitance Code
Voltage Code
Production Code
Polarity Band
Date Code
Year
Month
A = 2010
1 = Jan
7 = Jul
B = 2011
2 = Feb
8 = Aug
C = 2012
3 = Mar
9 = Sep
D = 2013
4 = Apr
O = Oct
E = 2014
5 = May
N = Nov
F = 2015
6 = Jun
D = Dec
476
16V
476
16 K
030
Capacitance Code
Voltage Code
Internal Code
Polarity Band
Capacitance Code
Voltage Code
Date Code
Polarity Band
K
Date Code
Date Code
Example
Year
Week#
030
0 = 2010
30
105
1 = 2011
5
332
3 = 2013
32
448
4 = 2014
48
Voltage Codes
2.5V
e
4.0V
g
6.3V
J
10V
A
16V
C
20V
D
25V
E



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com