Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPL20K60 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STGIPL20K60
Description  SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL20K60 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STGIPL20K60 Datasheet HTML 15Page - STMicroelectronics STGIPL20K60 Datasheet HTML 16Page - STMicroelectronics STGIPL20K60 Datasheet HTML 17Page - STMicroelectronics STGIPL20K60 Datasheet HTML 18Page - STMicroelectronics STGIPL20K60 Datasheet HTML 19Page - STMicroelectronics STGIPL20K60 Datasheet HTML 20Page - STMicroelectronics STGIPL20K60 Datasheet HTML 21Page - STMicroelectronics STGIPL20K60 Datasheet HTML 22Page - STMicroelectronics STGIPL20K60 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID018946 Rev 3
19/24
STGIPL20K60
Package mechanical data
24
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
®
packages, depending on their level of environmental compliance. ECOPACK
®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Please refer to dedicated technical note TN0107 for mounting instructions.
Table 16. SDIP-38L mechanical data
Dimensions
mm.
Min.
Typ.
Max.
A
49.10
49.60
50.10
A1
1.10
1.30
1.50
A2
1.40
1.60
1.80
A3
44.10
44.60
45.10
B
24.00
24.50
25.00
B1
11.25
11.85
12.45
B2
27.10
27.60
28.10
B3
28.60
29.10
29.60
C
5.00
5.40
6.00
C1
6.50
7.00
7.50
C2
10.35
10.85
11.35
e
1.10
1.30
1.50
e1
3.20
3.40
3.60
e2
5.80
6.00
6.20
e3
4.60
4.80
5.00
e4
5.60
5.80
6.00
e5
6.30
6.50
6.70
e6
4.50
4.70
4.90
D
38.10
D1
5.75
E11.80
E1
2.15
F
0.85
1.00
1.15
F1
0.35
0.50
0.65
R
1.55
1.75
1.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com