Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPL20K60 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGIPL20K60
Description  SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL20K60 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGIPL20K60 Datasheet HTML 16Page - STMicroelectronics STGIPL20K60 Datasheet HTML 17Page - STMicroelectronics STGIPL20K60 Datasheet HTML 18Page - STMicroelectronics STGIPL20K60 Datasheet HTML 19Page - STMicroelectronics STGIPL20K60 Datasheet HTML 20Page - STMicroelectronics STGIPL20K60 Datasheet HTML 21Page - STMicroelectronics STGIPL20K60 Datasheet HTML 22Page - STMicroelectronics STGIPL20K60 Datasheet HTML 23Page - STMicroelectronics STGIPL20K60 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package mechanical data
STGIPL20K60
20/24
DocID018946 Rev 3
Figure 12. SDIP-38L package dimensions
T
0.45
0.55
0.65
V0°
6°
Table 16. SDIP-38L mechanical data (continued)
8142868_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com