Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT230PD Datasheet(PDF) 18 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 18 Page - RFHIC

Back Button RT230PD Datasheet HTML 14Page - RFHIC RT230PD Datasheet HTML 15Page - RFHIC RT230PD Datasheet HTML 16Page - RFHIC RT230PD Datasheet HTML 17Page - RFHIC RT230PD Datasheet HTML 18Page - RFHIC RT230PD Datasheet HTML 19Page - RFHIC RT230PD Datasheet HTML 20Page - RFHIC RT230PD Datasheet HTML 21Page - RFHIC RT230PD Datasheet HTML 22Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Power Transistor
RT230PD
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
18 / 32
Version 5.2
Application Circuit (2100 ~ 2200MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25℃)
PARAMETER
UNIT
TYPICAL
Frequency Range
MHz
2100
2150
2200
Gain
dB
16.5
16.3
16.2
Input Return Loss
dB
-13
-15
-14
Output P1dB
dBm
-
34.5
-
Output IP3
dBm
-
47
-
Noise Figure
dB
-
2.5
-
Channel Power @ -45dBc ACLR
dBm
-
25
-
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
RF OUT
RF IN
C11
Z4
RT230PD
-
+
+
-
Z3
L2
L1
Z2
Z1
R1
BILL of MATERIAL
TEXT
VALUE
SIZE(mm)
TEXT
VALUE
SIZE(mm)
C4
100pF
1608
R1
51 Ω
1608
C1,C5
1000pF
1608
L1
18nH
1608
C2,C6
0.1uF
1608
L2
18nH
2520
C3,C7
4.7uF
3216
Z1
W ⅹ L
1.4 ⅹ7.0
C8
10pF
1608
Z2
1.4 ⅹ2.0
C9
2.4pF
1608
Z3
1.4 ⅹ2.0
C10
1.5pF
1608
Z4
1.4ⅹ7.0
C11
5pF
1608
Circuit Board Material : FR4(εr=4.7), 0.8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com