Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 43 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 43 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 39Page - Microsemi Corporation IO137RSB2 Datasheet HTML 40Page - Microsemi Corporation IO137RSB2 Datasheet HTML 41Page - Microsemi Corporation IO137RSB2 Datasheet HTML 42Page - Microsemi Corporation IO137RSB2 Datasheet HTML 43Page - Microsemi Corporation IO137RSB2 Datasheet HTML 44Page - Microsemi Corporation IO137RSB2 Datasheet HTML 45Page - Microsemi Corporation IO137RSB2 Datasheet HTML 46Page - Microsemi Corporation IO137RSB2 Datasheet HTML 47Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 38
3.3 V LVCMOS Wide Range
Table 2-47 • Minimum and Maximum DC Input and Output Levels
Applicable to Advanced I/O Banks
3.3 V
LVCMOS
Wide Range
Equiv.
Software
Default
Drive
Strength
Option1
VIL
VIH
VOL
VOH
IOL IOH
IOSL
IOSH
IIL2 IIH3
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
V
µA
µA
Max.
mA4
Max.
mA4
µA5 µA5
100 µA
2 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2 100 100
25
27
10
10
100 µA
4 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2 100 100
25
27
10
10
100 µA
6 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2 100 100
51
54
10
10
100 µA
8 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2 100 100
51
54
10
10
100 µA
12 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2 100 100
103
109
10
10
100 µA
16 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2 100 100
132
127
10
10
100 µA
24 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2 100 100
268
181
10
10
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
3. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges
4. Currents are measured at 85°C junction temperature.
5. All LVMCOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
6. Software default selection highlighted in gray.
Table 2-48 • Minimum and Maximum DC Input and Output Levels
Applicable to Standard Plus I/O Banks
3.3 V LVCMOS
Wide Range
Equiv.
Software
Default
Drive
Strength
Option1
VIL
VIH
VOL
VOH
IOL IOH
IOSL
IOSH
IIL2 IIH3
Drive Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VµA
µA
Max.
mA4
Max.
mA4
µA5 µA5
100 µA
2 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2
100 100
25
27
10
10
100 µA
4 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2
100 100
25
27
10
10
100 µA
6 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2
100 100
51
54
10
10
100 µA
8 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2
100 100
51
54
10
10
100 µA
12 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2
100 100
103
109
10
10
100
μA
16 mA
–0.3
0.8
2
3.6
0.2
VDD – 0.2
100 100
103
109
10
10
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
3. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges
4. Currents are measured at 85°C junction temperature.
5. All LVMCOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
6. Software default selection highlighted in gray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com