Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO137RSB2 Datasheet(PDF) 77 Page - Microsemi Corporation

Part # IO137RSB2
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO137RSB2 Datasheet(HTML) 77 Page - Microsemi Corporation

Back Button IO137RSB2 Datasheet HTML 73Page - Microsemi Corporation IO137RSB2 Datasheet HTML 74Page - Microsemi Corporation IO137RSB2 Datasheet HTML 75Page - Microsemi Corporation IO137RSB2 Datasheet HTML 76Page - Microsemi Corporation IO137RSB2 Datasheet HTML 77Page - Microsemi Corporation IO137RSB2 Datasheet HTML 78Page - Microsemi Corporation IO137RSB2 Datasheet HTML 79Page - Microsemi Corporation IO137RSB2 Datasheet HTML 80Page - Microsemi Corporation IO137RSB2 Datasheet HTML 81Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 210 page
background image
ProASIC3 Flash Family FPGAs
Re vi s i on 15
2 - 72
Input Register
Timing Characteristics
Figure 2-16 • Input Register Timing Diagram
50%
Preset
Clear
Out_1
CLK
Data
Enable
t
ISUE
50%
50%
t
ISUD
t
IHD
50%
50%
t
ICLKQ
1
0
t
IHE
t
IRECPRE
t
IREMPRE
t
IRECCLR
t
IREMCLR
t
IWCLR
t
IWPRE
t
IPRE2Q
t
ICLR2Q
t
ICKMPWH tICKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-98 • Input Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std. Units
tICLKQ
Clock-to-Q of the Input Data Register
0.24 0.27 0.32
ns
tISUD
Data Setup Time for the Input Data Register
0.26 0.30 0.35
ns
tIHD
Data Hold Time for the Input Data Register
0.00 0.00 0.00
ns
tISUE
Enable Setup Time for the Input Data Register
0.37 0.42 0.50
ns
tIHE
Enable Hold Time for the Input Data Register
0.00 0.00 0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.45 0.52 0.61
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.45 0.52 0.61
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00 0.00 0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.22 0.25 0.30
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00 0.00 0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.22 0.25 0.30
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.22 0.25 0.30
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.22 0.25 0.30
ns
tICKMPWH
Clock Minimum Pulse Width High for the Input Data Register
0.36 0.41 0.48
ns
tICKMPWL
Clock Minimum Pulse Width Low for the Input Data Register
0.32 0.37 0.43
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com